Electronic Components Datasheet Search
  English  ▼

X  

XRT4500CV Datasheet(PDF) 26 Page - Exar Corporation

Part # XRT4500CV
Description  MULTIPROTOCOL SERIAL NETWORK INTERFACE IC
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT4500CV Datasheet(HTML) 26 Page - Exar Corporation

Back Button XRT4500CV Datasheet HTML 22Page - Exar Corporation XRT4500CV Datasheet HTML 23Page - Exar Corporation XRT4500CV Datasheet HTML 24Page - Exar Corporation XRT4500CV Datasheet HTML 25Page - Exar Corporation XRT4500CV Datasheet HTML 26Page - Exar Corporation XRT4500CV Datasheet HTML 27Page - Exar Corporation XRT4500CV Datasheet HTML 28Page - Exar Corporation XRT4500CV Datasheet HTML 29Page - Exar Corporation XRT4500CV Datasheet HTML 30Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 99 page
background image
áç
áç
áç
áç
XRT4500
MULTIPROTOCOL SERIAL NETWORK INTERFACE IC
REV. 1.0.7
23
PIN DESCRIPTIONS (CONT.)
PIN
#
Signal
DTE
MODE
DCE
MODE
TYPE
FUNCTION
67
TX2D
D_SCTE
D_RXC
I
Transmitter 2 – Digital Data Input from Terminal Equipment
The exact role that this input pin plays, depends upon whether
the XRT4500 is operating in the DTE or DCE Mode.
DTE Mode: SCTE (Transmit Clock Echo) Input
The Serial Communications Controller (at the DTE Terminal) is
expected to derive the SCTE (Transmit Clock Echo) clock signal,
from the TXC signal, and input it (into the XRT4500) via this
input pin. The XRT4500 will convert this binary data stream into
either the V.35, V.11 or V.28 format and will output this data via
the TX2A and TX2B output pins.
DCE Mode: RXC (Receive Clock) Input
The Serial Communications Controller (at the DCE Terminal) is
expected to apply the RXC clock signal to this input pin. The
XRT4500 will convert this binary data stream into either the V.35,
V.11 or V.28 format and will output this data via the TX2A and
TX2B output pins.
Note: If the XRT4500 has been configured to operate in both the
DTE and the “Echoed Clock” Mode, then the XRT4500 will
ignore this input pin and will instead use the clock signal which is
output via the “D_TXC” output pin (e.g., RX3D or pin 73).
68
TX3D
D_X
D_TXC
I
Transmitter 3 – Digital Data Input from Terminal Equipment
The exact role that this pin plays depends upon whether the
XRT4500 is operating in the DCE or DTE Modes.
DTE Mode: This input pin is not used
DCE Mode: TXC – Transmit Clock Signal
This input pin functions as the “TXC” (Transmit Clock) input signal
from the DCE Terminal. The XRT4500 will convert this “digital”
clock data into either the V.35, V.11 or V.28 format and will output
this data via the TR3A and TR3B output pins.
69
CM_TR3
O
DTE Mode: AC GND – Transmitter 3 Output Termination center
tap in V.35 Mode. Connect a 0.1µF capacitor to ground.
DCE Mode: AC GND – Receiver 3 Input Termination center tap
in V.35 Mode. Connect a 0.1µF capacitor to ground.
70
TR3A
TXCA
TXCA
I/O
DTE Mode: Receiver 3 – Negative Data Differential Input from
Line
DCE Mode: Transmitter 3 – Negative Data Differential Output
to Line.
71
TR3B
TXCB
TXCB
I/O
DCE Mode: Transmitter 3 – Positive Data Differential Output to Line.
DTE Mode: Receiver 3 – Positive Data Differential Input from Line.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com