Electronic Components Datasheet Search
  English  ▼

X  

XRT4500CV Datasheet(PDF) 47 Page - Exar Corporation

Part # XRT4500CV
Description  MULTIPROTOCOL SERIAL NETWORK INTERFACE IC
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT4500CV Datasheet(HTML) 47 Page - Exar Corporation

Back Button XRT4500CV Datasheet HTML 43Page - Exar Corporation XRT4500CV Datasheet HTML 44Page - Exar Corporation XRT4500CV Datasheet HTML 45Page - Exar Corporation XRT4500CV Datasheet HTML 46Page - Exar Corporation XRT4500CV Datasheet HTML 47Page - Exar Corporation XRT4500CV Datasheet HTML 48Page - Exar Corporation XRT4500CV Datasheet HTML 49Page - Exar Corporation XRT4500CV Datasheet HTML 50Page - Exar Corporation XRT4500CV Datasheet HTML 51Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 99 page
background image
XRT4500
áç
áç
áç
áç
MULTIPROTOCOL SERIAL NETWORK INTERFACE IC
REV. 1.0.7
44
1.3.1
M[2:0] - The (Communication Interface)
Mode Control Select Pins.
As mentioned earlier, the XRT4500 is capable of sup-
porting each of the following “Communication Inter-
face” standards.
• ITU-T V.35
• ITU-T V.28 (EIA-232)
• EIA-449
• ITU-T V.36
• ITU-T X.21
• EIA-530
• EIA-530(A)
The XRT4500 can be configured to operate in either
one of these “Communication Interface” standards, by
setting the “M[2:0]” bit-fields to the appropriate val-
ues, as listed in Table 5.
NOTE: The M[2:0] input pins are internally pulled “high”. As
a consequence, the XRT4500 will automatically be config-
ured into the “POWER-DOWN” Mode, if the M[2:0] input
pins are left “floating”.
TABLE 5: THE RELATIONSHIP BETWEEN THE SETTINGS FOR THE M[2:0] BIT-FIELDS AND THE CORRESPONDING
COMMUNICATION INTERFACE THAT IS SUPPORTED
COMMUNICATION INTERFACE
M2
M1
M0
COMMENTS
RS423 (V.10)
0
0
0
All Transmitters and Receivers are functioning in the V.10 Mode.
NOTE: This is not a standard Communication Interface.
EIA-530A (V.11)
0
0
1
EIA-530 (V.36)
0
1
0
RS449
010
X.21
011
V.35
100
Reserved
101
RS232 (V.28)
1
1
0
Power Down Mode
1
1
1
All Transmitters and Receivers are shut-off. Transmitter outputs are tri-stated
and all internal loads are disconnected. The charge pump and DC-DC con-
nect continues to operate.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com