Electronic Components Datasheet Search
  English  ▼

X  

XRT4500CV Datasheet(PDF) 33 Page - Exar Corporation

Part # XRT4500CV
Description  MULTIPROTOCOL SERIAL NETWORK INTERFACE IC
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT4500CV Datasheet(HTML) 33 Page - Exar Corporation

Back Button XRT4500CV Datasheet HTML 29Page - Exar Corporation XRT4500CV Datasheet HTML 30Page - Exar Corporation XRT4500CV Datasheet HTML 31Page - Exar Corporation XRT4500CV Datasheet HTML 32Page - Exar Corporation XRT4500CV Datasheet HTML 33Page - Exar Corporation XRT4500CV Datasheet HTML 34Page - Exar Corporation XRT4500CV Datasheet HTML 35Page - Exar Corporation XRT4500CV Datasheet HTML 36Page - Exar Corporation XRT4500CV Datasheet HTML 37Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 99 page
background image
XRT4500
áç
áç
áç
áç
MULTIPROTOCOL SERIAL NETWORK INTERFACE IC
REV. 1.0.7
30
FIGURE 2. SUPPLY CURRENT VERSUS TEMPERATURE AND SUPPLY VOLTAGE, WITH LOAD IN EIA-
530 (V.11) MODE
S upply Cu rre n t, S igna l, Full Loa d
310
320
330
340
350
360
- 20
0
25
50
70
85
Te m per ature (C)
4.75V
5.00V
5.25V
ELECTRICAL CHARACTERISTICS (CONTIUED)
SYMBOL
PARAMETER
MIN
TYP
MAX
UNIT
CONDITIONS
V.11 DRIVER
VOD
Differential Output Voltage
+5.5
V
Open Circuit
VOD
Differential Output Voltage
±2
RL = 50Ω (Figure 3)
∆V
OD
Change in Magnitude of Differential
Output Voltage
0.25
V
RL = 50Ω (Figure 3)
VOC
Common Mode Output Voltage
3.0
V
RL = 50Ω (Figure 3)
∆V
OC
Change in Magnitude of Common
Mode Output Voltage
0.2
V
RL = 50Ω (Figure 3)
ISS
Short-Circuit Current
±150
mA
VO = GND
IOZ
Output Leakage Current
±1
±100
µA-0.25V ≤ V
O ≤ 0.25V, Power
Off or Driver Disabled
tr, tf
Rise or Fall Time (Transition Time)
4
10
25
ns
(Figures 4, 8 )
TPLH
Input to Output
30
70
100
ns
(Figures 4, 8 )
TPHL
Input to Output
30
65
100
ns
(Figures 4, 8 )
∆t
Inp. to Out. Difference, |TPLH - TPHL|
0
5
15
ns
(Figures 4, 8 )
TSKEW
Output to Output Skew
5
ns
(Figures 4, 8 )
V.11 RECEIVER
Maximum Transmission Rate
20
MHz
VTH
Input Threshold Voltage
-0.2
0.2
V
-7V
≤ V
CM ≤ 7V
∆V
TH
Input Hysteresis
35
60
mV
-7V
≤ V
CM ≤ 7V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com