Electronic Components Datasheet Search
  English  ▼

X  

XRT4500CV Datasheet(PDF) 23 Page - Exar Corporation

Part # XRT4500CV
Description  MULTIPROTOCOL SERIAL NETWORK INTERFACE IC
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT4500CV Datasheet(HTML) 23 Page - Exar Corporation

Back Button XRT4500CV Datasheet HTML 19Page - Exar Corporation XRT4500CV Datasheet HTML 20Page - Exar Corporation XRT4500CV Datasheet HTML 21Page - Exar Corporation XRT4500CV Datasheet HTML 22Page - Exar Corporation XRT4500CV Datasheet HTML 23Page - Exar Corporation XRT4500CV Datasheet HTML 24Page - Exar Corporation XRT4500CV Datasheet HTML 25Page - Exar Corporation XRT4500CV Datasheet HTML 26Page - Exar Corporation XRT4500CV Datasheet HTML 27Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 99 page
background image
XRT4500
áç
áç
áç
áç
MULTIPROTOCOL SERIAL NETWORK INTERFACE IC
REV. 1.0.7
20
PIN DESCRIPTIONS (CONT.)
PIN
#
Signal
DTE
MODE
DCE
MODE
TYPE
FUNCTION
63
TX1A
TXDA
RXDA
O
Transmitter 1 – Negative Data Differential Output to Line
The exact function of this output pin depends upon whether the
XRT4500 is operating in the DCE or DTE Modes.
DTE Mode: Transmit Data (TXD) – Negative Polarity Output
Signal
Transmitter 1 accepts a TTL level binary data stream (as the
“Transmit Data” – TXD) from the DTE Terminal Equipment. Trans-
mitter 1 converts this digital data into any of the following electrical
formats: V.10, V.11, V.28 and V.35 prior to transmission to the line.
If this data is being converted into either the V.11 or V.35 format,
then this pin outputs the negative-polarity portion of the “TXD”
data to the line. If this data is being converted into either the V.10
or V.28 formats, then this pin outputs this data to the line in a sin-
gle-ended manner.
DCE Mode: Receive Data (RXD) – Negative Polarity Output
Line Signal
Transmitter 1 accepts a TTL level binary data stream (as the
“Receive Data” – RXD) from the DCE Terminal Equipment.
Transmitter 1 converts this digital data into any of the following
electrical formats: V.10, V.11, V.28 and V.35 prior to transmission
to the line.
If this data is being converted into either the V.11 or V.35 format,
then this pin outputs the negative-polarity portion of the “RXD”
data to the line. If this data is being converted into either the V.10
or V.28 formats, then this pin outputs this data to the line in a sin-
gle-ended manner.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com