Electronic Components Datasheet Search
  English  ▼

X  

XRT4500CV Datasheet(PDF) 97 Page - Exar Corporation

Part # XRT4500CV
Description  MULTIPROTOCOL SERIAL NETWORK INTERFACE IC
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT4500CV Datasheet(HTML) 97 Page - Exar Corporation

Back Button XRT4500CV Datasheet HTML 91Page - Exar Corporation XRT4500CV Datasheet HTML 92Page - Exar Corporation XRT4500CV Datasheet HTML 93Page - Exar Corporation XRT4500CV Datasheet HTML 94Page - Exar Corporation XRT4500CV Datasheet HTML 95Page - Exar Corporation XRT4500CV Datasheet HTML 96Page - Exar Corporation XRT4500CV Datasheet HTML 97Page - Exar Corporation XRT4500CV Datasheet HTML 98Page - Exar Corporation XRT4500CV Datasheet HTML 99Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 97 / 99 page
background image
XRT4500
áç
áç
áç
áç
MULTIPROTOCOL SERIAL NETWORK INTERFACE IC
REV. 1.0.7
94
External Components used by the XRT4500
Function
Description
Notes
VSS by-pass Capacitor
25-47
µF, 12V, SMT Tantalum
-6V switching Regulator filter.
Low ESR. (0.20
Ω max at 100kHz)
Sprague Type
SPR595D476X9025R2T-X
Schottky Diode
1N5819 40V, 1A.
Must be Schottky type
Inductor
47 or 68
µH SMT inductor
JW Miller PM105-470K or PM105-
680k.
Coilcraft D03316P-473
Current Sense Resistor
0.5
Ω, 0.5W, 5%
Charge Pump Capacitor
2.2
µF, 25V, SMT Tantalum
+12V Charge Pump
VPP by-pass Capacitor
10
µF, 25V, SMT Tantalum
+12V Charge Pump
VDD by-pass Capacitor
22
µF, 16V, Electrolytic
+5V decoupling. (In addition to
various 0.1
µF, 50V capacitors)
General by-pass
Capacitors
0.1
µF, 50V
Panasonic X7R Dielectric, 1206
size.
Digikey PCC104BCT-ND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com