Electronic Components Datasheet Search
  English  ▼

X  

XRT4500CV Datasheet(PDF) 51 Page - Exar Corporation

Part # XRT4500CV
Description  MULTIPROTOCOL SERIAL NETWORK INTERFACE IC
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT4500CV Datasheet(HTML) 51 Page - Exar Corporation

Back Button XRT4500CV Datasheet HTML 47Page - Exar Corporation XRT4500CV Datasheet HTML 48Page - Exar Corporation XRT4500CV Datasheet HTML 49Page - Exar Corporation XRT4500CV Datasheet HTML 50Page - Exar Corporation XRT4500CV Datasheet HTML 51Page - Exar Corporation XRT4500CV Datasheet HTML 52Page - Exar Corporation XRT4500CV Datasheet HTML 53Page - Exar Corporation XRT4500CV Datasheet HTML 54Page - Exar Corporation XRT4500CV Datasheet HTML 55Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 99 page
background image
XRT4500
áç
áç
áç
áç
MULTIPROTOCOL SERIAL NETWORK INTERFACE IC
REV. 1.0.7
48
2. The Analog/Line-Side Loop-back path:
This loop-back path is referred to as an “Analog/Line-
Side” Loop-back, because all signals originate from and
are ultimately terminated by the DCE Terminal. These
signals originate from the DCE Terminal; and are out-
putted to the line, to the DTE Terminal. However, these
signals (from the DCE Terminal) are never converted in-
to the Digital format (by the DTE Mode XRT4500).
These signal are kept in the “Analog” format, and are
looped-back (over the line) to the DCE Terminal.
The RXD signal (originating from the DCE Terminal)
will be transmitted over the line to the DTE Terminal.
However, this signal will not be converted into the dig-
ital format by the “DTE Mode” XRT4500. Instead, this
signal will be looped-back out to the “DCE Terminal”
via the “TXD” signal path.
NOTE: In this loop-back mode, the RXC signal (e.g., the
companion clock signal to RXD) is also received by the
DTE Terminal and looped-back out to the DCE Terminal. In
this case, the “RXC” (Receive Clock) signal will be routed to
the DCE Terminal through the “SCTE” signal path The DCE
SCC can still use the RXC (via the SCTE signal path), in
order to sample the RXD signal (which is available via the
“TXD” signal path).
Behavior of the DCE Mode XRT4500, when the
Loop-Back Mode is Enabled.
Figure 19 presents an illustration of a DTE and a
DCE Terminal interfaced to each other. In this case,
the XRT4500 (associated with the DCE Terminal) has
been configured to operate in the “Loop-back” Mode.
NOTE: Figure 19 only depicts the “High-Speed” DCE/DTE
Interface signals. The “Low-Speed” control/handshaking
signals are not affected by the loop-back mode.
If the Loop-back Mode is configured within the
XRT4500, while it is operating in the DCE Mode, then
the following two (2) loop-back paths exists.
• A Digital/Terminal-Side Loop-back
• An Analog/Line-Side Loop-back
Each of these Loop-back paths are described below.
1. The Digital/Terminal Side Loop-back:
Again, this loop-back path is referred to as a “Digital/
Terminal Side” Loop-back, because all of the signals
originate from, and are terminated by the DCE SCC
(e.g., the Terminal Equipment). The signals (originat-
ing at the DCE SCC) are not converted into the Ana-
log format, and are not output to the line.
The “RXD” signal (originating from the DCE SCC)
along with the “RXC” (Receive Clock) signal will not
be converted into the Analog format, nor output to the
DTE Terminal (over the line). Instead, this signal will
remain in the “Digital-format” and will be looped-back
into the DCE SCC. The “RXD” signal will ultimately be
output to the DCE SCC via the “TXD” output of the
“DCE Mode” XRT4500.
NOTE: The “RXC” signal (e.g., the companion clock signal to
“RXD”) will also be loop-back into the “DCE SCC”. This signal
will be output (by the XRT4500) via the “SCTE” output pin.
FIGURE 19. ILLUSTRATION OF THE BEHAVIOR OF THE DCE MODE XRT4500, WHEN IT IS CONFIGURED TO OPERATE
IN THE
LOOP-BACK MODE
SCC (R)
SCC (L)
XRT4500
XRT4500
RX1
TX1
RX2
TX2
RX3
TX3
RX2
TX2
RX1
TX1
RXD
RXC
TXC
SCTE_IN
TXD_IN
TXD
SCTE
TXC_IN
RXC_IN
RXD_IN
60
67
73
74
1
78
79
77
76
70
71
64
65
63
62
1
74
68
67
60
63
62
64
65
70
71
77
76
78
79
TXD
SCTE
TXC
RXC
RXD
Analog/Line
Loop-back Path
Digital/Terminal
Loop-back Path
DTE (#1)
DCE (#4)
MUX 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com