Electronic Components Datasheet Search
  English  ▼

X  

XRT4500CV Datasheet(PDF) 19 Page - Exar Corporation

Part # XRT4500CV
Description  MULTIPROTOCOL SERIAL NETWORK INTERFACE IC
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT4500CV Datasheet(HTML) 19 Page - Exar Corporation

Back Button XRT4500CV Datasheet HTML 15Page - Exar Corporation XRT4500CV Datasheet HTML 16Page - Exar Corporation XRT4500CV Datasheet HTML 17Page - Exar Corporation XRT4500CV Datasheet HTML 18Page - Exar Corporation XRT4500CV Datasheet HTML 19Page - Exar Corporation XRT4500CV Datasheet HTML 20Page - Exar Corporation XRT4500CV Datasheet HTML 21Page - Exar Corporation XRT4500CV Datasheet HTML 22Page - Exar Corporation XRT4500CV Datasheet HTML 23Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 99 page
background image
XRT4500
áç
áç
áç
áç
MULTIPROTOCOL SERIAL NETWORK INTERFACE IC
REV. 1.0.7
16
PIN DESCRIPTIONS (CONT.)
NOTE: Signal names beginning with D_ are digital signals.
NOTE: Signal names ending with B and A are the positive
and negative polarities of differential signals respectively.
PIN
#
Signal
DTE
MODE
DCE
MODE
TYPE
FUNCTION
46
E_232H
I
High Speed RS-232 Enable – Logic 0 enables high speed RS-
232 mode (drives 3K
Ω in parallel with 1000pF at 256 KHz).
Internal 20K
Ω pull-up to VDD.
This input pin permits the user to either enable or disable the
‘High-Speed RS-232 Driver’ feature. The non high speed mode
provides a 120 Kbps clock rate.
Note: This pin setting applies to all ‘RS-232/V.28 Drivers’ within
the XRT4500.
47
VDD
Analog VDD for the Internal Switching Regulator
48
EN_OUT
I
Output Enable Pin for Receiver 5 and 8
This active-low output pin permits the user to tri-state the
“RX5D” and “RX8D” output pins (Pins 23 & 33).
Setting this input pin “low” causes the XRT4500 to tri-state the
“RX5D” and “RX8D” output pins. Conversely, setting this input
pin “high” enables the “RX5D” and the “RX8D” output drivers for
signal transmission to the local Terminal Equipment.
This input pin contains an internal 20k
Ω pull-down resistor to
ground.
49
REG_CLK
I
Register Mode Clock Input Signal:
If the XRT4500 has been configured to operate in the “Regis-
tered” Mode, then a rising clock edge at this input causes the
XRT4500 to do the following.
•
Data at the TX5D and TX8D input pins (Pins 15 & 17) will be
latched into the XRT4500 circuitry.
•
Data will be outputted via the RX5D and RX8D pins (Pins 23
& 33).
This input pin has no function when the XRT4500 is operating in
the “Non-Registered” Mode. The user configures the XRT4500
to operate in the “Registered” Mode, by pulling the “REG” input
pin to VDD.
This input pin contains an internal 20k
Ω pull-up to V
DD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com