Electronic Components Datasheet Search
  English  ▼

X  

XRT4500CV Datasheet(PDF) 67 Page - Exar Corporation

Part # XRT4500CV
Description  MULTIPROTOCOL SERIAL NETWORK INTERFACE IC
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT4500CV Datasheet(HTML) 67 Page - Exar Corporation

Back Button XRT4500CV Datasheet HTML 63Page - Exar Corporation XRT4500CV Datasheet HTML 64Page - Exar Corporation XRT4500CV Datasheet HTML 65Page - Exar Corporation XRT4500CV Datasheet HTML 66Page - Exar Corporation XRT4500CV Datasheet HTML 67Page - Exar Corporation XRT4500CV Datasheet HTML 68Page - Exar Corporation XRT4500CV Datasheet HTML 69Page - Exar Corporation XRT4500CV Datasheet HTML 70Page - Exar Corporation XRT4500CV Datasheet HTML 71Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 99 page
background image
XRT4500
áç
áç
áç
áç
MULTIPROTOCOL SERIAL NETWORK INTERFACE IC
REV. 1.0.7
64
FIGURE 37. TRANSMITTER TERMINATION
TXxA
TXxB
S1
R1
50
R3
125
S2
R2
50
TX
TABLE 7: TRANSMITTER SWITCHES
MODE
SWITCHES
S1
S2
V.35
Closed
Closed
V.11/V.10/V.28
Open
Open
FIGURE 38. TYPICAL V.10 OR V.28 INTERFACE (R1 = 10 K
Ω IN V.10 AND 5 KΩ IN V.28)
FIGURE 39. TYPICAL V.11 INTERFACE (TERMINATION RESISTOR, R1, IS OPTIONAL.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com