Electronic Components Datasheet Search
  English  ▼

X  

XRT4500CV Datasheet(PDF) 64 Page - Exar Corporation

Part # XRT4500CV
Description  MULTIPROTOCOL SERIAL NETWORK INTERFACE IC
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT4500CV Datasheet(HTML) 64 Page - Exar Corporation

Back Button XRT4500CV Datasheet HTML 60Page - Exar Corporation XRT4500CV Datasheet HTML 61Page - Exar Corporation XRT4500CV Datasheet HTML 62Page - Exar Corporation XRT4500CV Datasheet HTML 63Page - Exar Corporation XRT4500CV Datasheet HTML 64Page - Exar Corporation XRT4500CV Datasheet HTML 65Page - Exar Corporation XRT4500CV Datasheet HTML 66Page - Exar Corporation XRT4500CV Datasheet HTML 67Page - Exar Corporation XRT4500CV Datasheet HTML 68Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 99 page
background image
áç
áç
áç
áç
XRT4500
MULTIPROTOCOL SERIAL NETWORK INTERFACE IC
REV. 1.0.7
61
4.0
THE HIGH-SPEED RS232 MODE
FIGURE 34. V.10 RISE/FALL TIME AS A FUNCTION OF RSLEW
10K
1
10
100
1 10
3
R (Ohms)
100K
1 Meg
FIGURE 35. V.28 SLEW RATE OVER ± 3 V OUTPUT RANGE WITH 3 K
Ω IN PARALLEL WITH 2500 PF LOAD AS A
FUNCTION OF RSLEW
10K
100K
1 Meg
0.01
0.1
1
10
R (Ohms)
V.
28
Sle
w
Ra
te
(V/
us)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com