Electronic Components Datasheet Search
  English  ▼

X  

XRT4500CV Datasheet(PDF) 62 Page - Exar Corporation

Part # XRT4500CV
Description  MULTIPROTOCOL SERIAL NETWORK INTERFACE IC
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT4500CV Datasheet(HTML) 62 Page - Exar Corporation

Back Button XRT4500CV Datasheet HTML 58Page - Exar Corporation XRT4500CV Datasheet HTML 59Page - Exar Corporation XRT4500CV Datasheet HTML 60Page - Exar Corporation XRT4500CV Datasheet HTML 61Page - Exar Corporation XRT4500CV Datasheet HTML 62Page - Exar Corporation XRT4500CV Datasheet HTML 63Page - Exar Corporation XRT4500CV Datasheet HTML 64Page - Exar Corporation XRT4500CV Datasheet HTML 65Page - Exar Corporation XRT4500CV Datasheet HTML 66Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 99 page
background image
áç
áç
áç
áç
XRT4500
MULTIPROTOCOL SERIAL NETWORK INTERFACE IC
REV. 1.0.7
59
A system design similar to that presented below in
Figure 32, will accomplish the exact same function/re-
lationship between another Multi-protocol Transceiver
IC and the SCC/Microprocessor.
1.3.9
The Internal Oscillator
The XRT4500 includes an “Internal Oscillator” that
can be used to support “DTE Stand-Alone Testing/
Diagnostics” operations.
The user can enable the “Internal Oscillator” feature
(within the XRT4500) by pulling the “OSC_EN” input
pin (pin 53) “low”. Conversely, the user can disable
the “Internal Oscillator” feature by pulling the
“OSC_EN” input pin “high”.
If the user enables this feature, then the XRT4500 will
synthesize a clock signal (of frequencies ranging from
32kHz to 64kHz). Further, this clock signal will be out-
put via the “RX2D” and the “RX3D” output pins. Fig-
ure 1.20 presents an illustration of the XRT4500
(while interfaced to the DTE SCC) when the Internal
Oscillator is enabled.
FIGURE 32. AN ILLUSTRATION OF THE NECESSARY GLUE LOGIC REQUIRED TO DESIGN A FEATURE SIMILAR TO THAT
OFFERED BY THE
“REGISTERED” MODE, WHEN USING A DIFFERENT MULTI-PROTOCOL SERIAL NETWORK INTERFACE IC
µC/µP
Serial
Network
Interface Device
DTR_Signal
DSR_Signal
RL_Signal
RI_Signal
D-Flip-Flops
Clock
Q
Q
Q
Q
CLK
CLK
CLK
CLK
Clock Source
DTE Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com