Electronic Components Datasheet Search
  English  ▼

X  

XRT4500CV Datasheet(PDF) 40 Page - Exar Corporation

Part # XRT4500CV
Description  MULTIPROTOCOL SERIAL NETWORK INTERFACE IC
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT4500CV Datasheet(HTML) 40 Page - Exar Corporation

Back Button XRT4500CV Datasheet HTML 36Page - Exar Corporation XRT4500CV Datasheet HTML 37Page - Exar Corporation XRT4500CV Datasheet HTML 38Page - Exar Corporation XRT4500CV Datasheet HTML 39Page - Exar Corporation XRT4500CV Datasheet HTML 40Page - Exar Corporation XRT4500CV Datasheet HTML 41Page - Exar Corporation XRT4500CV Datasheet HTML 42Page - Exar Corporation XRT4500CV Datasheet HTML 43Page - Exar Corporation XRT4500CV Datasheet HTML 44Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 99 page
background image
áç
áç
áç
áç
XRT4500
MULTIPROTOCOL SERIAL NETWORK INTERFACE IC
REV. 1.0.7
37
1.0
SYSTEM DESCRIPTION
The XRT4500 Multi-protocol Serial Network Interface
IC is a flexible transceiver chip that is capable of sup-
porting the following “Communication Interfaces”.
• ITU-T V.35
• ITU-T V.28/EIA-232
• EIA-449
• ITU-T V.36
• ITU-T X.21
• EIA-530
• EIA-530A
The XRT4500 uses the following “electrical interfac-
es” in order to realize each of these “Communication
Interfaces”.
• ITU-T V.11/EIA-422
• ITU-T V.10/EIA-423
• ITU-T V.35
• ITU-T V.28/EIA-232
1.1
THE DIFFERENCE BETWEEN AN ELECTRI-
CAL INTERFACE AND A COMMUNICATIONS
INTERFACE
It is important to describe the difference between an
Electrical Interface specification and a Communica-
tions Interface specification. An Electrical Interface
specification defines the electrical characteristics of a
transmitter or receiver. These characteristics include
voltage, current, impedance levels, rise/fall times and
other similar parameters. Examples of electrical inter-
faces are ITU-T V.10 (EIA-423), ITU-T V.11 (EIA-
422), V.35 and V.28 (EIA-232).
In contrast, a Communications Interface specification
describes a “Physical Layer” interface in its entirety.
This description includes the names and functions of
all of the involved signals. The Communications Inter-
face specification identifies which electrical interface
is to be used to realize each of these signals as well
as the connector type. Examples of communication
interface types include ITU-T V.35, ITU-T V.28 (EIA-
232), EIA-449, EIA-530A, ITU-T X.21, and ITU-T
V.36.
For example, the “ITU-T V.35 Communications Inter-
face” specification requires that each of the following
signals must comply with the “ITU-T V.35 Electrical
Interface” requirements.
• RXD - Receive Data (CCITT Circuit 104)
• TXD - Transmit Data (CCITT Circuit 103)
• RXC - Receive Clock (CCITT Circuit 115)
• TXC - Transmit Clock (CCITT Circuit 114)
• SCTE (or TXCE) - Transmit Clock Echo
Also, the ITU-T V.35 Communications Interface speci-
fication states that each of the following signals must
comply with the “ITU-T V.28 Electrical Interface” re-
quirements.
• RTS - Request to Send (CCITT Circuit 105)
• CTS - Clear to Send (CCITT Circuit 106)
• DTR - Data Terminal Ready
• DSR - Data Set Ready (CCITT Circuit 107)
• DCD - Data Carrier Detect (CCITT Circuit 109)
• RL - Remote Loop-back Indicator*
• LL - Local Loop-back Indicator*
• TM - Test Mode Indicator*
NOTE: *Option Signals, per the “ITU-T V.35 Electrical Interface”
Finally, the “ITU-T V.35 Communications Interface”
recommends the use of the ISO-2593 34 pin Connec-
tor. (See Figure 46 connector drawings on page 73).
The XRT4500 contains a sufficient number of receiv-
ers, transmitters and transceivers to transport all of
the signals required for each of the above-mentioned
Communication Interface standards. By configuring
the XRT4500 to operate in a particular “Communica-
tion Interface” Mode, each of the Transmitters and
Receivers will automatically be configured to support
the appropriate “Electrical Interface” requirements.
Table 3 and Table 4 present the relationship between
the Communication Interface Mode that the
XRT4500 has been configured to operate in and the
corresponding Electrical Interface Mode that a giv-
en Transmitter or Receiver will be automatically con-
figured in.
Table 3 presents this information for the XRT4500
configured to operate in the DTE Mode. Table 4 pre-
sents this information when the XRT4500 has been
configured to operate in the DCE Mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com