Electronic Components Datasheet Search
  English  ▼

X  

XRT4500CV Datasheet(PDF) 1 Page - Exar Corporation

Part # XRT4500CV
Description  MULTIPROTOCOL SERIAL NETWORK INTERFACE IC
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT4500CV Datasheet(HTML) 1 Page - Exar Corporation

  XRT4500CV Datasheet HTML 1Page - Exar Corporation XRT4500CV Datasheet HTML 2Page - Exar Corporation XRT4500CV Datasheet HTML 3Page - Exar Corporation XRT4500CV Datasheet HTML 4Page - Exar Corporation XRT4500CV Datasheet HTML 5Page - Exar Corporation XRT4500CV Datasheet HTML 6Page - Exar Corporation XRT4500CV Datasheet HTML 7Page - Exar Corporation XRT4500CV Datasheet HTML 8Page - Exar Corporation XRT4500CV Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 99 page
background image
Exar Corporation 48720 Kato Road, Fremont CA, 94538 • (510) 668-7000 • FAX (510) 668-7017 • www.exar.com
áç
áç
áç
áç
XRT4500
MULTIPROTOCOL SERIAL NETWORK INTERFACE IC
SEPTEMBER 2002
REV. 1.0.7
GENERAL DESCRIPTION
The XRT4500 is a fully integrated multiprotocol serial
interface. It supports all of the popular serial commu-
nication interface standards such as ITU-T V.35, ITU-
T V.36, EIA530A, RS232 (ITU-T V.28), ITU-T X.21
and RS449. It can easily be interfaced with most
common types of Serial Communications Controllers
(SCCs). This device contains eight receivers and
eight transmitters, in groups of six or seven. It is a
complete solution containing all of the required
source and load termination resistors in one 80-pin
TQFP package. The XRT4500 operates at higher
speeds (20MHz for V.35 and 256kbps for V.28).
The XRT4500 can be configured to operate in one of
the seven interface standards in either DTE, or DCE
modes of operation and power down mode. It fully
supports echoed clock as well as clock and data in-
version. Loopbacks are supported in DTE and DCE
modes of operation. This feature eliminates the need
for external circuitry for loopback implementation.
Control signals such as RI, RL, DCD, DTR, DSR are
protected against glitches by internal filters. These fil-
ters can be turned off. The XRT4500 provides an in-
ternal oscillator (clock signal) which can be used to
conduct standalone diagnostics of DTE equipment.
BLOCK DIAGRAM
FEATURES
• Pin Programmable Multiprotocol Serial Interface
• V.35, V.36, EIA-530 A, RS232 (V.28), V.10, V.11, X.21
and RS449 Communication Interface Standards
• V.28, V.10, V.11 and V.35 Electrical Interfaces are
‘CTR2’ Compliant
• Contains On-Chip Source and Load Termination
Resistors
• Contains Eight Receivers and Eight Transmitters
with Switchable DTE and DCE Modes
• Glitch Filters on the Control Signals (Selectable)
• +5V Single Power Supply with internal DC-DC
Converter
• Full Support of Loopbacks, Data & Clock Inversion,
and Echoed Clock in DTE and DCE Modes
• Full Support of Most Popular Types of HDLC Control-
lers (Single, Double, and Triple Clocks supported)
• High-speed V.28 Driver: 256KHz
• Internal Oscillator for Standalone DTE Loopback
Testing
• Control Signals Can Be Registered and Non-regis-
tered
• Control Signals Can Be Tri-stated for Bus-based
Designs
• “Cable Safe” Operation Supported
• ESD Protection Over ± 1KV Range
• TTL Level Digital Inputs
• TTL/CMOS Digital Outputs
APPLICATIONS
• Data Service Units (DSU)
• Channel Service Units (CSU)
• Routers
• Bridges
• Access Equipment
TX2
TX1
RX3
RX2
RX1
TX4
TX3
RX4
RX5
TX5
TX6
RX6
TX7
RX8
RX7
V.10, V.11, V.35, V.28
Electrical Interfaces
Signals
TXD, RXD
High Speed Data
and Clock
V.10, V.11, V.35, V.28
V.10, V.11, V.35, V.28
SCTE Signals:
DCE Transmitter,
DTE Receiver
RTS, CTS
DTR, DSR
LL, RL, RI (TM)
LL, RL, RI (TM)
Mode and Configuration
Control
Switching Regulator
DC-DC Converter
V.10, V.11, ---- , V.28
V.10, V.11, ---- , V.28
V.10, V.11, ---- , V.28
V.10, ---- , ---- , V.28
V.10, ---- , ---- , V.28
High Speed Transceiver
TXC, RXC
High Speed Data
and Clock
DCD Signals:
DCE Transmitter,
DTE Receiver
Diagnostic Transceivers
TX8
Handshaking/Control Transceivers


Similar Part No. - XRT4500CV

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT4000 EXAR-XRT4000 Datasheet
378Kb / 46P
Universal Multiprotocol Serial Interface
XRT4000CV EXAR-XRT4000CV Datasheet
378Kb / 46P
Universal Multiprotocol Serial Interface
More results

Similar Description - XRT4500CV

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DP83901A NSC-DP83901A Datasheet
705Kb / 62P
Serial Network Interface Controller
DP83910A NSC-DP83910A Datasheet
221Kb / 12P
CMOS SNI Serial Network Interface
DP8391A NSC-DP8391A Datasheet
190Kb / 12P
SNI Serial Network Interface
logo
NXP Semiconductors
TDA8006 PHILIPS-TDA8006 Datasheet
166Kb / 40P
Multiprotocol IC Card coupler
2000 Feb 21
TDA8007B PHILIPS-TDA8007B Datasheet
159Kb / 36P
Double multiprotocol IC card interface
2000 Nov 09
logo
National Semiconductor ...
DP8391 NSC-DP8391 Datasheet
175Kb / 10P
Serial Network Interface
logo
List of Unclassifed Man...
EDE702 ETC-EDE702 Datasheet
458Kb / 9P
Serial LCD Interface IC
logo
NEC
UPD7201A NEC-UPD7201A Datasheet
1Mb / 18P
Multiprotocol, Serial Communications Controller
logo
Exar Corporation
XRT4000 EXAR-XRT4000 Datasheet
378Kb / 46P
Universal Multiprotocol Serial Interface
logo
Texas Instruments
DP83910A TI1-DP83910A_11 Datasheet
265Kb / 14P
DP83910A CMOS SNI Serial Network Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com