Electronic Components Datasheet Search
  English  ▼

X  

XRT4500CV Datasheet(PDF) 22 Page - Exar Corporation

Part # XRT4500CV
Description  MULTIPROTOCOL SERIAL NETWORK INTERFACE IC
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT4500CV Datasheet(HTML) 22 Page - Exar Corporation

Back Button XRT4500CV Datasheet HTML 18Page - Exar Corporation XRT4500CV Datasheet HTML 19Page - Exar Corporation XRT4500CV Datasheet HTML 20Page - Exar Corporation XRT4500CV Datasheet HTML 21Page - Exar Corporation XRT4500CV Datasheet HTML 22Page - Exar Corporation XRT4500CV Datasheet HTML 23Page - Exar Corporation XRT4500CV Datasheet HTML 24Page - Exar Corporation XRT4500CV Datasheet HTML 25Page - Exar Corporation XRT4500CV Datasheet HTML 26Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 99 page
background image
áç
áç
áç
áç
XRT4500
MULTIPROTOCOL SERIAL NETWORK INTERFACE IC
REV. 1.0.7
19
PIN DESCRIPTIONS (CONT.)
PIN
#
Signal
DTE
MODE
DCE
MODE
TYPE
FUNCTION
60
TX1D
D_TXD
D_RXD
I
Transmitter 1 – Digital Data Input from Terminal Equipment.
The exact role that this input pin plays depends upon whether
the XRT4500 is operating in the DTE or DCE Modes.
DTE Mode – TXD (Transmit Data) Input:
The DTE Terminal Equipment is expected to apply the TXD
(Transmit Data) to this input pin.
The XRT4500 will convert this binary data stream into either the
V.35, V.11, or V.28 format and will output this data via the TX1A
and TX1B output pin.
DCE Mode – RXD (Receive Data) Input:
The DCE Terminal Equipment is expected to apply the RXD
(Receive Data) to this input pin.
The XRT4500 will convert this binary data stream into either the
V.35, V.11 or V.28 format and will output this data via the TX1A
and TX1B output pins.
61
CM_TX1
O
AC GND- Transmitter 1 Output Termination center tap in V.35
Mode. Connect a 0.1µF capacitor to ground.
62
TX1B
TXDB
RXDB
O
Transmitter 1 – Positive Data Differential Output to line.
The exact function of this output pin depends upon whether the
XRT4500 is operating in the DCE or DTE Modes.
DTE Mode: Transmit Data (TXD) – Positive Polarity Output
Line Signal
Transmitter 1 accepts a TTL Level binary data stream (as the
“Transmit Data” – TXD) from the DTE Terminal Equipment.
Transmitter 1 converts this digital data into any of the following
electrical formats: V.10, V.11, V.28 and V.35, prior to transmis-
sion to the line.
If this data is being converted into either the V.11 or V.35 format,
then this pin outputs the positive-polarity portion of the “TXD”
data to the line. If this data is being converted into either the V.10
or V.28 formats, then this pin is inactive.
DCE Mode: Receive Data (RXD) – Positive Polarity Output
Line Signal
Transmitter 1 accepts a CMOS (or TTL) level signal binary data
stream (as the “Receive Data” – RXD) from the DCE Terminal
Equipment. Transmitter 1 converts this digital data into any of the
following electrical formats: V.10, V.11, V.28 and V.35 prior to
transmission to the line.
If this data is being converted into either the V.11 or V.35 format,
then this pin outputs the positive polarity portion of the “RXD”
data to the line. If this data is being converted into either the V.10
or V.28 formats, then this pin is inactive.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com