| Electronic Components Datasheet Search |
|
XRT4500CV Datasheet(PDF) 56 Page - Exar Corporation |
|
|
|||||||||||||||||||||||||||||
XRT4500CV Datasheet(HTML) 56 Page - Exar Corporation |
|
56 / 99 page ![]() áç áç áç áç XRT4500 MULTIPROTOCOL SERIAL NETWORK INTERFACE IC REV. 1.0.7 53 some digital Is, this amount of set-up time is marginal and is likely to result in bit-errors. Throughout the re- mainder of this document, this phenomenon will be referred to as the “2-Clock/Propagation Delay” phe- nomenon. Cases 1 and 2 indicate that if a wide range of data rates are to be supported by some Data Communica- tion Equipment over a “2-Clock DTE/DCE” Interface' and if the propagation delays are sufficiently large (in the “DCE-to-DTE” and “DTE-to-DCE” link); then there are some data rates that will be handled in an “error- free” manner; and other data rates which are prone to errors. Consequently, the “3-Clock DTE/DCE Inter- face” is a much more robust and reliable medium to transport data, than is the “2-Clock DTE/DCE” Inter- face. Using the “Echo-Clock” Feature within the XRT4500 The “Echo-Clock” features within the XRT4500 helps to mitigate the “2-Clock/Propagation Delay” phenom- enon by forcing the DTE Mode XRT4500 to supply an additional clock signal (over the DTE/DCE Interface), over and above that provided by the DTE SCC. Figure 25 presents an illustration of the “Echo Clock” feature (within the DTE Mode XRT4500) being used. In the example, presented in Figure 25, the DTE SCC does not supply the SCTE signal to the DTE/DCE In- terface (just as in the two previous examples). How- ever, in this case, the XRT4500 (on the DTE side) has been configured to operate in the “Echo-Clock” Mode. While the XRT4500 is operating in this mode, it will simply take the “incoming” Transmit Clock signal (TXC) and will “echo” it back to the SCTE input pin of the DCE SCC. If we were to closely analyzer the clock signals that are transported across the “DTE/ DCE” Interface, in order to determine the resulting “TXC to TXD set-up time”, we would observe the fol- lowing. 1. The DCE SCC sources the TXC clock signal to the DTE node. 2. The DTE SCC will update the state of the TXD line on the rising edge of the “incoming” TXC clock signal. 3. The “DTE” XRT4500 will “internally” route the “RX3D” output signal to the TX2D output signal. As a consequence, the incoming TXC clock signal will be “echoed” back out to the SCTE input pin of the DCE SCC. 4. If we neglect the “Clock-to-Output” delay of the DTE SCC, the DCE SCC will receive the falling edge of the SCTE clock signal, very close to the middle of the bit-period of each bit on the TXD line. This phenomenon is also illustrated below in Figure 26. FIGURE 25. ILLUSTRATION OF THE “ECHO-CLOCK” FEATURE WITHIN THE XRT4500 SCC (R) SCC (L) XRT4500 XRT4500 RX1 TX2 RXD RXC TXC SCTE_IN TXD_IN TXD SCTE TXC_IN RXC_IN RXD_IN 60 67 73 74 1 78 79 77 76 70 71 64 65 63 62 1 74 68 67 60 63 62 64 65 70 71 77 76 78 79 TXD SCTE TXC RXC RXD DCE DTE TX1 RX3 RX2 RX1 RX2 TX3 TX2 TX1 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |