Electronic Components Datasheet Search
  English  ▼

X  

XRT4500CV Datasheet(PDF) 76 Page - Exar Corporation

Part # XRT4500CV
Description  MULTIPROTOCOL SERIAL NETWORK INTERFACE IC
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT4500CV Datasheet(HTML) 76 Page - Exar Corporation

Back Button XRT4500CV Datasheet HTML 72Page - Exar Corporation XRT4500CV Datasheet HTML 73Page - Exar Corporation XRT4500CV Datasheet HTML 74Page - Exar Corporation XRT4500CV Datasheet HTML 75Page - Exar Corporation XRT4500CV Datasheet HTML 76Page - Exar Corporation XRT4500CV Datasheet HTML 77Page - Exar Corporation XRT4500CV Datasheet HTML 78Page - Exar Corporation XRT4500CV Datasheet HTML 79Page - Exar Corporation XRT4500CV Datasheet HTML 80Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 99 page
background image
áç
áç
áç
áç
XRT4500
MULTIPROTOCOL SERIAL NETWORK INTERFACE IC
REV. 1.0.7
73
FIGURE 46. SERIAL INTERFACE CONNECTOR DRAWINGS
30
25
20
37
33
19
15
10
5
1
NN
L
R
V
Z
DD
JJ
F
B
MM
LL
B B
D
J
N
T
X
FF
K
P
U
Y
CC
HH
A
E
KK
EE
C
H
M
S
W
AA
13
7
1
25
20
14
1
8
15
9
Serial Interface Connector Drawings
X.21 Connector (ISO 4903)
DTE Connector - DB-15 Pin Male
DCE Connector - DB-15 Pin Female
RS-449 Connector (ISO 4902)
DTE Connector Face - DB-37 Pin Male
DCE Connector Face - DB-37 Pin Female
V.35/ISO 2593 Connector
DTE Connector Face - 34 Pin Male
DCE Connector Face - 34 Pin Female
RS-232 & EIA-530- Connector (ISO 2110)
DTE Connector - DB-25 Pin Male
DCE Connector - DB-25 Pin Female
FIGURE 46A
FIGURE 46B
FIGURE 46D
FIGURE 46C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com