Electronic Components Datasheet Search
  English  ▼

X  

XRT4500CV Datasheet(PDF) 35 Page - Exar Corporation

Part # XRT4500CV
Description  MULTIPROTOCOL SERIAL NETWORK INTERFACE IC
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT4500CV Datasheet(HTML) 35 Page - Exar Corporation

Back Button XRT4500CV Datasheet HTML 31Page - Exar Corporation XRT4500CV Datasheet HTML 32Page - Exar Corporation XRT4500CV Datasheet HTML 33Page - Exar Corporation XRT4500CV Datasheet HTML 34Page - Exar Corporation XRT4500CV Datasheet HTML 35Page - Exar Corporation XRT4500CV Datasheet HTML 36Page - Exar Corporation XRT4500CV Datasheet HTML 37Page - Exar Corporation XRT4500CV Datasheet HTML 38Page - Exar Corporation XRT4500CV Datasheet HTML 39Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 99 page
background image
XRT4500
áç
áç
áç
áç
MULTIPROTOCOL SERIAL NETWORK INTERFACE IC
REV. 1.0.7
32
ELECTRICAL CHARACTERISTICS- TA = 25°C, VDD = 5V + 5%
SYMBOL
PARAMETER
MIN
TYP
MAX
UNIT
CONDITIONS
V.10 DRIVER
Maximum Transmission Rate
120
Kbps
VO
Output Voltage
±4.0
±6.0
V
Open Circuit, RL = 3.9k
VO
Output Voltage
±3.6
V
RL = 450Ω (Figure 6)
ISS
Short-Circuit Current
±100
mA
VO = GND
IOZ
Input Leakage Current
±0.1
±100
µA-0.25 ≤ V
O ≤ 0.25V, Power Off or
Driver Disabled
tr, tf
Rise or Fall Time
0
1.5
µs
(Figures 6, 10 ), RL = 450Ω, CL =
100pF, RSLEW_CNTL = 10k
TPLH
Input to output
1.5
3
6
µs
(Figures 6, 10 ), RL = 450Ω, CL = 100pF
RSLEW_CNTL = 10k
TPHL
Input to output
0.5
1
2
µs
(Figures 6, 10 ), RL = 450Ω, CL = 100pF
RSLEW_CNTL = 10k
V.10 RECEIVER
VTH
Receiver Input Threshold Voltage
-0.2
0.2
V
AVTH
Receiver Input Hysteresis
35
60
mV
IIN
Receiver Input Current
-2.5
±2.0
±2.5
mA
-10
≤ V
A ≤ 10V
RIN
Receiver Input Impedance
9
11
12
k
Ω
-10
≤ V
A ≤ 10V
tr, tf
Rise or Fall Time
10
ns
(Figures 7, 11 )
TPLH
Input to Output
200
ns
(Figures 7, 11 )
TPHL
Input to Output
250
ns
(Figures 7, 11 )
V.28 Driver
Maximum Transmission Rate
120
Kbps
VO
Output Voltage
±5
±5.5
±6.5
V
Open Circuit
RL = 3k (Figure 6)
ISS
Short-Circuit Current
±100
mA
VO = GND
IOZ
Input Leakage Current
±1
±100
µA-0.25 ≤ V
CM ≤ 0.25V, Power Off or
Driver Disabled
SR
Slew Rate
2
5
30
V/
µs
(Figures 6, 10 ), RL = 3k, CL = 2500pF
TPLH
Input to output
2
6
µs
(Figures 6, 10 ), RL = 3k, CL = 2500pF
TPHL
Input to output
2
6
µs
(Figures 6, 10 ), RL = 3k, CL = 2500pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com