Electronic Components Datasheet Search
  English  ▼

X  

XRT4500CV Datasheet(PDF) 25 Page - Exar Corporation

Part # XRT4500CV
Description  MULTIPROTOCOL SERIAL NETWORK INTERFACE IC
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT4500CV Datasheet(HTML) 25 Page - Exar Corporation

Back Button XRT4500CV Datasheet HTML 21Page - Exar Corporation XRT4500CV Datasheet HTML 22Page - Exar Corporation XRT4500CV Datasheet HTML 23Page - Exar Corporation XRT4500CV Datasheet HTML 24Page - Exar Corporation XRT4500CV Datasheet HTML 25Page - Exar Corporation XRT4500CV Datasheet HTML 26Page - Exar Corporation XRT4500CV Datasheet HTML 27Page - Exar Corporation XRT4500CV Datasheet HTML 28Page - Exar Corporation XRT4500CV Datasheet HTML 29Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 99 page
background image
XRT4500
áç
áç
áç
áç
MULTIPROTOCOL SERIAL NETWORK INTERFACE IC
REV. 1.0.7
22
65
TX2B
SCTEB
RXCB
O
Transmitter 2 – Positive Data Differential Output to line.
The exact function of this output pin depends upon whether the
XRT4500 is operating in the DCE or DTE Mode.
DTE Mode Transmit Clock Echo (SCTE) – Positive Polarity
Output Signal
Transmitter 2 accepts a TTL level binary data system (as the
‘Transmit Clock Echo’ – SCTE) from the DTE terminal equip-
ment. Transmitter 2 converts this digital data into any of the fol-
lowing electrical formats: V10, V.11, V.28 or V.35 prior to
transmission to the line.
If this data is being converted into the V.11 or V.35 electrical format
then this pin outputs the ‘Positive Polarity’ portion of the ‘SCTE’
data to the line. If this data is being converted into the V.10 or V.28
electrical format, then this output pin is in-active.
DCE Mode Receive Clock (RXC) Signal – Positive Polarity
Output Line Signal
Transmitter 2 accepts a TTL level binary data system (as the
‘Receive Clock - RXC) from the DCE terminal equipment. Trans-
mitter 2 converts this digital data into any of the following electrical
formats: V.10, V.11, V.28 or V.35 prior to transmission to the line
.
If this data is being converted into the V.11 or V.35 electrical for-
mat then this pin outputs the ‘Positive Polarity’ portion of the
‘RXC’ data to the line. If this data is being converted into the V.10
or V.28 electrical format, then this output pin is in-active.
66
CM_TX2
O
Transmitter 2 Output Termination Center Tap in V.35 Mode –
This pin should be by-passed to ground with an external 0.1µF
capacitor.
PIN
#
Signal
DTE
MODE
DCE
MODE
TYPE
FUNCTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com