Electronic Components Datasheet Search
  English  ▼

X  

XRT4500CV Datasheet(PDF) 43 Page - Exar Corporation

Part # XRT4500CV
Description  MULTIPROTOCOL SERIAL NETWORK INTERFACE IC
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT4500CV Datasheet(HTML) 43 Page - Exar Corporation

Back Button XRT4500CV Datasheet HTML 39Page - Exar Corporation XRT4500CV Datasheet HTML 40Page - Exar Corporation XRT4500CV Datasheet HTML 41Page - Exar Corporation XRT4500CV Datasheet HTML 42Page - Exar Corporation XRT4500CV Datasheet HTML 43Page - Exar Corporation XRT4500CV Datasheet HTML 44Page - Exar Corporation XRT4500CV Datasheet HTML 45Page - Exar Corporation XRT4500CV Datasheet HTML 46Page - Exar Corporation XRT4500CV Datasheet HTML 47Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 99 page
background image
XRT4500
áç
áç
áç
áç
MULTIPROTOCOL SERIAL NETWORK INTERFACE IC
REV. 1.0.7
40
1.2.1
The “High -Speed Transceiver” Block
The “High-Speed Transceiver” block supports the
transmission and reception of high speed data and
clock signals for the selected “Communication Inter-
face”. This block contains receivers RX1 and RX2,
transmitters TX1 and TX2, and bi-directional trans-
ceiver TR3 which is composed of TX3 and RX3. Each
of these devices may be configured to support the
“Electrical Interface” requirements per ITU-T V.35,
ITU-T V.11 (EIA-422), ITU-T V.10 (EIA-423), or ITU-T
V.28 (EIA-232). In the “ITU-T V.35” Mode, each trans-
mitter has a common mode pin that is connected to
the center of the internal termination. This pin should
be bypassed to ground with an external 0.1µF capac-
itor in order to provide the best possible driver output
stage balance.
In a system application, the TX1-RX1 pair and TX2-RX2
pair handle the TXD-RXD (Transmit Data - Receive
Data) and the TXC-RXC (Transmit Clock - Receive
Clock) high speed interface signals respectively. Trans-
ceiver TR3 is dedicated to the SCTE (Transmit Clock
Echo) signal for both DCE and DTE modes of operation.
Transceiver TR3 functions as a receiver for the DTE
mode and as a transmitter during the DCE mode.
FIGURE 12. HIGH-SPEED TRANSCEIVER BLOCK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com