Electronic Components Datasheet Search
  English  ▼

X  

XRT4500CV Datasheet(PDF) 10 Page - Exar Corporation

Part # XRT4500CV
Description  MULTIPROTOCOL SERIAL NETWORK INTERFACE IC
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT4500CV Datasheet(HTML) 10 Page - Exar Corporation

Back Button XRT4500CV Datasheet HTML 6Page - Exar Corporation XRT4500CV Datasheet HTML 7Page - Exar Corporation XRT4500CV Datasheet HTML 8Page - Exar Corporation XRT4500CV Datasheet HTML 9Page - Exar Corporation XRT4500CV Datasheet HTML 10Page - Exar Corporation XRT4500CV Datasheet HTML 11Page - Exar Corporation XRT4500CV Datasheet HTML 12Page - Exar Corporation XRT4500CV Datasheet HTML 13Page - Exar Corporation XRT4500CV Datasheet HTML 14Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 99 page
background image
áç
áç
áç
áç
XRT4500
MULTIPROTOCOL SERIAL NETWORK INTERFACE IC
REV. 1.0.7
7
PIN DESCRIPTIONS (CONT.)
PIN
#
Signal
DTE
MODE
DCE
MODE
TYPE
FUNCTION
15
TX5D
D_DTR
D_DSR
I
Transmitter 5 – Digital Data Input from Terminal Equipment
This input pin accepts a TTL level binary data stream, from the
local terminal equipment, and outputs it, in either a V.10, V.11 or
V.28 manner, via the TX5A (pin 12) and TX5B (pin 13) output
pins. The exact role that this input pin plays depends upon
whether the XRT4500 is operating in the DTE or DCE Modes.
DTE Mode – Data Terminal Ready (DTR) Input Pin
If the XRT4500 is operating in the DTE mode, then this input pin
should be tied to the DTR output pin of the terminal equipment.
DCE Mode – Data Set Ready (DSR) Input Pin
If the XRT4500 is operating in the DCE mode, then this input pin
should be tied to the DSR output pin of the terminal equipment.
Note: If the XRT4500 has been configured to operate in the
“Registered” Mode, then data applied to this input pin will be
latched (into the XRT4500) upon the rising edge of the
REG_CLK input signal.
16
VPP
+12V Power: This supply voltage is internally generated by the
Charge Pump Circuit within the XRT4500 device. If +12V is
available, then the external components can be eliminated.
17
TX8D
D_RL
D_RI
I
Transmitter 8 – Digital Data Input from Terminal Equipment
This input accepts a TTL level binary data stream, from the local
terminal equipment, and outputs it, in either a V.10 or V.28 man-
ner via the TX8O (pin 19) output pin.
DCE Mode – Ring Indicator (or Test Mode) Input Pin
If the XRT4500 has been configured to operate in the
DCE Mode – This input pin should be connected to either the
“RI” (Ring Indicator) or the “TM” (Test Mode) indicator output pin
of the Terminal Equipment.
DTE Mode – Remote Loop-back Indicator Input Pin
If the XRT4500 has been configured to operate in the
DTE Mode – This input pin should be connected to the “RL”
(Remote Loop-back) indicator output pin of the Terminal Equip-
ment.
Note: If the XRT4500 has been configured to operate in the
“Registered” Mode, then data applied to this input pin will be
latched (into the XRT4500) upon the rising edge of the
REG_CLK input signal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com