Electronic Components Datasheet Search
  English  ▼

X  

XRT4500CV Datasheet(PDF) 98 Page - Exar Corporation

Part # XRT4500CV
Description  MULTIPROTOCOL SERIAL NETWORK INTERFACE IC
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT4500CV Datasheet(HTML) 98 Page - Exar Corporation

Back Button XRT4500CV Datasheet HTML 91Page - Exar Corporation XRT4500CV Datasheet HTML 92Page - Exar Corporation XRT4500CV Datasheet HTML 93Page - Exar Corporation XRT4500CV Datasheet HTML 94Page - Exar Corporation XRT4500CV Datasheet HTML 95Page - Exar Corporation XRT4500CV Datasheet HTML 96Page - Exar Corporation XRT4500CV Datasheet HTML 97Page - Exar Corporation XRT4500CV Datasheet HTML 98Page - Exar Corporation XRT4500CV Datasheet HTML 99Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 98 / 99 page
background image
áç
áç
áç
áç
XRT4500
MULTIPROTOCOL SERIAL NETWORK INTERFACE IC
REV. 1.0.7
95
Note: The control dimension is the millimeter column
INCHES
MILLIMETERS
SYMBOL
MIN
MAX
MIN
MAX
A
0.055
0.063
1.40
1.60
A1
0.002
0.006
0.05
0.15
A2
0.053
0.057
1.35
1.45
B
0.009
0.015
0.22
0.38
C
0.004
0.008
0.09
0.20
D
0.622
0.638
15.80
16.20
D1
0.547
0.555
13.90
14.10
e
0.0256 BSC
0.65 BSC
L
0.018
0.030
0.45
0.75
α
0
°
7
°
0
°
7
°
60
41
40
21
1
2
0
61
80
D
D1
D
D1
B
e
A2
α
A1
A
Seating Plane
L
C
80 LEAD THIN QUAD FLAT PACK
(14 x 14 x 1.4 mm TQFP)
REV. 3.00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com