Electronic Components Datasheet Search
  English  ▼

X  

XRT4500CV Datasheet(PDF) 46 Page - Exar Corporation

Part # XRT4500CV
Description  MULTIPROTOCOL SERIAL NETWORK INTERFACE IC
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT4500CV Datasheet(HTML) 46 Page - Exar Corporation

Back Button XRT4500CV Datasheet HTML 42Page - Exar Corporation XRT4500CV Datasheet HTML 43Page - Exar Corporation XRT4500CV Datasheet HTML 44Page - Exar Corporation XRT4500CV Datasheet HTML 45Page - Exar Corporation XRT4500CV Datasheet HTML 46Page - Exar Corporation XRT4500CV Datasheet HTML 47Page - Exar Corporation XRT4500CV Datasheet HTML 48Page - Exar Corporation XRT4500CV Datasheet HTML 49Page - Exar Corporation XRT4500CV Datasheet HTML 50Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 99 page
background image
áç
áç
áç
áç
XRT4500
MULTIPROTOCOL SERIAL NETWORK INTERFACE IC
REV. 1.0.7
43
1.3
THE CONTROL BLOCK
The purpose of the Control Block is to permit the user
to configure the XRT4500 into a wide variety of oper-
ating modes. In particular, the Control Block permits
the user to implement the following configuration se-
lections for the XRT4500.
To select which Communication Interface Mode the
XRT4500 will operate in.
• To configure the XRT4500 to operate in either the
DTE or the DCE Mode.
• To optionally configure the XRT4500 to operate in a
Loop-back Mode.
• To enable or disable the “Echo-Clock” Mode.
• To optionally configure the XRT4500 to operate in
the “Latch” Mode.
• To optionally configure the XRT4500 to operate in
the “Register” Mode.
• To configure the XRT4500 to operate in either the
“2 Clock” or the “3-Clock” Mode.
• To enable or disable the Internal Oscillator (for DTE
Stand-Alone Diagnostic operation).
• To invert the TXC clock signal (for DCE applica-
tions) or the RXC clock signal (for DTE applica-
tions).
• To invert the TXD data (for DCE applications) or the
RXD data (for DTE applications).
The input pins shown in Figure 15, the Control Block,
are described in detail, below.
FIGURE 15. DIAGRAM OF THE XRT4500 CONTROL BLOCK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com