Electronic Components Datasheet Search
  English  ▼

X  

XRT4500CV Datasheet(PDF) 27 Page - Exar Corporation

Part # XRT4500CV
Description  MULTIPROTOCOL SERIAL NETWORK INTERFACE IC
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT4500CV Datasheet(HTML) 27 Page - Exar Corporation

Back Button XRT4500CV Datasheet HTML 23Page - Exar Corporation XRT4500CV Datasheet HTML 24Page - Exar Corporation XRT4500CV Datasheet HTML 25Page - Exar Corporation XRT4500CV Datasheet HTML 26Page - Exar Corporation XRT4500CV Datasheet HTML 27Page - Exar Corporation XRT4500CV Datasheet HTML 28Page - Exar Corporation XRT4500CV Datasheet HTML 29Page - Exar Corporation XRT4500CV Datasheet HTML 30Page - Exar Corporation XRT4500CV Datasheet HTML 31Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 99 page
background image
XRT4500
áç
áç
áç
áç
MULTIPROTOCOL SERIAL NETWORK INTERFACE IC
REV. 1.0.7
24
PIN DESCRIPTIONS (CONT.)
PIN
#
Signal
DTE
MODE
DCE
MODE
TYPE
FUNCTION
72
GND
Analog GND: Receivers 4, 5, 6, 7 and 8
73
RX3D
D_TXC
D_X
O
Receiver 3 – Digital Output to Terminal Equipment:
This output pin is the digital (CMOS level) representation of the
line signal that is received via the TR3A (pin 70) and TR3B (pin
71) input pins.
The exact role that this pin plays depends upon whether the
XRT4500 is operating in the DCE or DTE Mode.
DTE Mode: TXC – Transmit Clock Signal
This output pin functions as the “TXC” (Transmit Clock) output
signal to the Terminal Equipment. The DTE Terminal Equipment
will typically use this signal to synthesize the SCTE clock signal.
DCE Mode: This output pin is NOT used.
Note: If the “Internal Oscillator” (within the XRT4500) is enabled,
then this pin will output a 32kHz to 64kHz clock signal. This clock
signal can be used for “Stand-Alone DTE Diagnostic” Testing.
74
RX2D
R_RXC
D_SCTE
O
Receiver 2 – Digital Data Output to Equipment
This output pin is the digital (CMOS level) representation of the
line signal that is received via the RX2A (pin 77) and RX2B (pin
76) input pins.
The exact role that this pin plays depends upon whether the
XRT4500 is operating in the DCE or DTE Modes.
DCE Mode: SCTE – Transmit Clock Echo Signal:
This output pin functions as the SCTE (Transmit Clock Echo)
output signal to the Terminal Equipment. The DCE Terminal
Equipment will typically use this clock signal to sample the “TXD”
(Transmit Data).
DTE Mode: RXC – Receive Clock Signal:
This output pin functions as the “RXC” (Receive Clock) output
signal to the Terminal Equipment. The DTE Terminal Equipment
will typically use this signal to sample the “RXD” (Receive Data).
Note: If the “Internal Oscillator” (within the XRT4500) is enabled,
then this pin will output a 32kHz – 64kHz clock signal. This clock
signal can be used for “Stand-Alone DTE Diagnostic” testing.
75
EN_FLTR
I
Enable Glitch Filter on Receiver 4, 5, 6, 7, 8 inputs. Internal
20k
Ω pull-down
76
RX2B
RXCB
SCTEB
I
Receiver 2 – Positive Data Differential Input from Line
77
RX2A
RXCA
RXCB
I
Receiver 2 – Negative Data Differential Input from Line



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com