Electronic Components Datasheet Search
  English  ▼

X  

XRT4500CV Datasheet(PDF) 34 Page - Exar Corporation

Part # XRT4500CV
Description  MULTIPROTOCOL SERIAL NETWORK INTERFACE IC
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT4500CV Datasheet(HTML) 34 Page - Exar Corporation

Back Button XRT4500CV Datasheet HTML 30Page - Exar Corporation XRT4500CV Datasheet HTML 31Page - Exar Corporation XRT4500CV Datasheet HTML 32Page - Exar Corporation XRT4500CV Datasheet HTML 33Page - Exar Corporation XRT4500CV Datasheet HTML 34Page - Exar Corporation XRT4500CV Datasheet HTML 35Page - Exar Corporation XRT4500CV Datasheet HTML 36Page - Exar Corporation XRT4500CV Datasheet HTML 37Page - Exar Corporation XRT4500CV Datasheet HTML 38Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 99 page
background image
áç
áç
áç
áç
XRT4500
MULTIPROTOCOL SERIAL NETWORK INTERFACE IC
REV. 1.0.7
31
V.11 RECEIVER
IIN
Input Current (A, B)
±2
±2.5
mA
-10V
≤ V
A,B ≤ 10V
RIN
Input Impedance
9
10
11
k
Ω
-10V
≤ V
A,B ≤ 10V
tr,
RiseTime
10
ns
(Figures 4, 9 )
tf
Fall Time
5
10
ns
(Figures 4, 9 )
TPLH
Input to Output
30
70
100
ns
(Figures 4, 9 )
TPHL
Input to Output
30
70
100
ns
(Figures 4, 9 )
∆t
Inp. to Out. Difference, |TPLH - TPHL|
0
10
20
ns
(Figures 4, 9 )
ELECTRICAL CHARACTERISTICS (CONTIUED)
SYMBOL
PARAMETER
MIN
TYP
MAX
UNIT
CONDITIONS
ELECTRICAL CHARACTERISTICS (CONTINUED)
SYMBOL
PARAMETER
MIN
TYP
MAX
UNIT
CONDITIONS
V.35 Driver
Maximum Transmission Rate
20
MHz
VOD
Differential Output Voltage
±0.44
±0.55
±0.66
V
With Load, (Figure 9)
IOH
Transmitter Output High Current
-12
-11
-10
mA
VA, B = 0V
IOL
Transmitter Output Low Current
10
11
12
mA
VA, B = 0V
IOZ
Transmitter Output Leakage Current
±1
±100
µA-0.25 ≤ V
A,B ≤ 0.25V
tr, tf
Rise or Fall Time
5
ns
(Figures 5, 8 )
TPLH
Input to Output
30
60
100
ns
(Figures 5, 8 )
TPHL
Input to Output
25
55
80
ns
(Figures 5, 8 )
∆t
Inp. to Out. Difference, |TPLH - TPHL|
0
5
20
ns
(Figures 5, 8 )
TSKEW
Output to Output Skew
5
ns
(Figures 5, 8 )
V.35 Receiver
VTH
Differential Input Threshold Volt.
-0.2
0.2
V
-2V = (VA + VB)/2 = 2V (Figure 5)
∆V
TH
Input Hysteresis
35
60
mV
-2V = (VA + VB)/2 = 2V (Figure 5)
IIN
Input Current (A, B)
±60
mA
-10V = VA, B = 10V
RIN
Input Impedance (A, B)
135
150
165
Ω
-10V = VA, B = 10V
tr
Rise Time
10
ns
(Figure 5, 9 )
tf
Fall Time
5
ns
(Figure 5, 9 )
TPLH
Input to Output
75
100
ns
(Figure 5, 9 )
TPHL
Input to Output
75
100
ns
(Figure 5, 9 )



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com