Electronic Components Datasheet Search
  English  ▼

X  

MFC2000 Datasheet(PDF) 390 Page - List of Unclassifed Manufacturers

Part # MFC2000
Description  Multifunctional Peripheral Controller 2000
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MFC2000 Datasheet(HTML) 390 Page - List of Unclassifed Manufacturers

Back Button MFC2000 Datasheet HTML 386Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 387Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 388Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 389Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 390Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 391Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 392Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 393Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 394Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 390 / 426 page
background image
MFC2000 Multifunctional Peripheral Controller 2000
Hardware Description
24-4
Conexant
100723A
24.2 COUNTACH IMAGING DSP BUS UNIT
24.2.1 Function Description
The Countach Bus Unit is the conduit for all data and address between the various block of the Countach Bus
System. It also decides which blocks become master of these busses.
There are four busses in the Countach Bus System:
•
CPB
address and data to and from the Countach Subsystem Interface
•
DPB
address and data to and from the Synchronous DRAM Interface
•
IPB
address and data to and from the ARM Bus Interface
•
VPB
data from the Video/Scan Interface
Because of these separate busses (as opposed to a single tri-state muxed bus), it is possible to have multiple bus
masters. The possible connections between these busses are:
•
IPB
↔ CPB, VPB ↔ DPB: ARM Bus Interface makes discrete I/O accesses to Countach Subsystem scratch
pad while Video/Scan Interface makes DMA accesses to Synchronous DRAM Interface.
•
CPB
↔ DPB: Countach Subsystem Interface makes DMA accesses to Synchronous DRAM Interface.
•
IPB
↔ DPB, {Countach DMA Controller} ↔ cpb: ARM Bus Interface makes either discrete I/O accesses or
DMA accesses to Synchronous DRAM Interface while Countach DMA Controller fetches DMA parameters
from Countach Subsystem scratch pad.
24.2.2 Register Description
Address:
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Default:
Deferred Read High
Address
(DefRdHiAddr)
$01FF82A9
(Not Used)
(Not Used)
(Not Used)
(Not Used)
(Not Used)
(Not Used)
(Not Used)
(Not Used)
Rst. Value
xxh
Read Value
00h
Address:
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default:
Deferred Read High
Address
(DefRdHiAddr)
$01FF82A8
(Not Used)
Deferred
Read
Address [22]
Deferred
Read
Address [21]
Deferred
Read
Address [20]
Deferred
Read
Address [19]
Deferred
Read
Address [18]
Deferred
Read
Address [17]
Deferred
Read
Address [16]
Rst Value
x0000000b
Read Value
00h
Bit 15-7
Not used
Bit 6-0
Deferred Read Address [22:16] These seven bits, in conjunction with the sixteen bits of the Deferred
Read Low Address register, make up the deferred read address. It is a
halfword address, not a byte address.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com