Electronic Components Datasheet Search
  English  ▼

X  

LTC5100 Datasheet(PDF) 9 Page - Linear Technology

Part # LTC5100
Description  3.3V, 3.2Gbps VCSEL Driver
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC5100 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC5100 Datasheet HTML 5Page - Linear Technology LTC5100 Datasheet HTML 6Page - Linear Technology LTC5100 Datasheet HTML 7Page - Linear Technology LTC5100 Datasheet HTML 8Page - Linear Technology LTC5100 Datasheet HTML 9Page - Linear Technology LTC5100 Datasheet HTML 10Page - Linear Technology LTC5100 Datasheet HTML 11Page - Linear Technology LTC5100 Datasheet HTML 12Page - Linear Technology LTC5100 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 52 page
background image
LTC5100
9
sn5100 5100fs
TYPICAL PERFOR A CE CHARACTERISTICS
VDD = VDD(HS) = 3.3V, TA = 25°C, Cml_en = 0, Lpc_en = 1, transmitter enabled, unless otherwise noted. Test circuit shown in Figure 5.
Supply Current vs Modulation
Level (Excluding Laser Current)
Supply Current vs Temperature
Modulator Output Resistance
vs Modulation Level
Impp (mA)
0
0
10
20
30
40
Im_rng
0
60
4
812
16
5100 G16
20
24
50
Im_rng
1
Im_rng
2
Im_rng
3
TRANSMIT DISABLED
AND Power_down_en = 0
TRANSMIT DISABLED
AND Power_down_en = 1
TRANSMIT
ENABLED
TEMPERATURE (
°C)
–40
48.1
48.0
47.9
47.8
47.7
47.6
47.5
47.4
20
60
5100 G17
–20
0
40
80
Im_rng = 3
Impp = 12mA
Ib = 0.0mA
(INCLUDES SRC PIN
CURRENT REQUIRED
TO SUPPLY THE AVERAGE
MODULATION CURRENT
Impp (mA)
1
100
1000
10000
10
100
5100 G18
Laser Bias Current
vs Temperature in CCC Mode
Monitor Diode Current
vs Temperature in APC Mode
TEMPERATURE (
°C)
–40
0.97
0.98
0.99
1.00
1.01
–20
0
20
40
5100 G20
60
80
NORMALIZED TO UNITY AT 25
°C
Ib_tc1 = Ib_tc2 = 0
TEMPERATURE (
°C)
–40
0.97
0.98
0.99
1.00
1.01
–20
0
20
40
5100 G21
60
80
NORMALIZED TO UNITY AT 25
°C
Imd_tc1 = Imd_tc2 = 0
Laser Modulation Current
vs Temperature, Im_rng = 1
TEMPERATURE (
°C)
–40
0.97
0.98
0.99
1.00
1.01
–20
0
20
40
5100 G22
60
80
NORMALIZED TO UNITY AT 25
°C
Im_tc1 = Im_tc2 = 0
Rise and Fall Times vs IM at the
Midpoint of Each Im_rng
Deterministic Jitter vs IMPP for
Im_rng = 3
IMPP (mA)
0
50
52
54
56
58
60
62
369
12
5100 G13
15
Im_rng
0
1
1
2
2
3
3
tFALL
tRISE
Im_rng
0
IMPP (mA)
0
40
45
55
60
65
6
12
15
27
5100 G14
50
39
18
21
24
tFALL
tRISE
IMPP (mA)
0
5
6
7
24
5100 G15
4
3
1
0
6
12
18
327
9
15
21
2
8
Rise and Fall Times
vs IMPP for Im_rng = 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com