Electronic Components Datasheet Search
  English  ▼

X  

LTC5100 Datasheet(PDF) 42 Page - Linear Technology

Part # LTC5100
Description  3.3V, 3.2Gbps VCSEL Driver
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC5100 Datasheet(HTML) 42 Page - Linear Technology

Back Button LTC5100 Datasheet HTML 38Page - Linear Technology LTC5100 Datasheet HTML 39Page - Linear Technology LTC5100 Datasheet HTML 40Page - Linear Technology LTC5100 Datasheet HTML 41Page - Linear Technology LTC5100 Datasheet HTML 42Page - Linear Technology LTC5100 Datasheet HTML 43Page - Linear Technology LTC5100 Datasheet HTML 44Page - Linear Technology LTC5100 Datasheet HTML 45Page - Linear Technology LTC5100 Datasheet HTML 46Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 52 page
background image
LTC5100
42
sn5100 5100fs
REGISTER DEFI ITIO S
Table 21. Register: FLT_STATUS—Fault Status (I2C Command Code 0x12)
REGISTER
RESET VALUE
.BITFIELD
BIT
(BIN)
FUNCTION AND VALUES
.Reserved
15:11
.Transmit_ready
10
0
Transmit Ready
Indicates that the Laser Bias and Modulation Currents Have Settled to Within Specification and the
LTC5100 is Ready to Transmit Data. A Fault Clears This Bit.
0: Not Ready, 1: Ready
.Transmitter_
9
0
Transmitter Enabled
enabled
Indicates That the Transmitter is Enabled and the Laser Bias and Modulation Currents Are on (Though
Not Necessarily Settled.) The Transmitter is Enabled When the EN pin and Soft_en Bits are Active and
No Faults Have Occurred. A Fault Clears This Bit.
0: Transmitter is Disabled, 1: Transmitter is Enabled.
.En_pin_state
8
Varies
EN Pin State
Indicates the Logic Level on the EN Pin. The En_polarity Bit Has No Effect on En_pin_state.
The Power-On Reset Value Reflects the State of the EN Pin.
0: EN Pin is Low.
1: EN Pin is High.
.Faulted_twice
7
0
Faulted Twice (Only Active When Rep_flt_inhibit is Set)
0: Either No Faults or Only One Fault Has Been Detected.
1: A Second Fault Has Been Detected Within 25ms of Attempting to Clear a First Fault. The Transmitter
is Disabled and Can Only be Re-enabled by Cycling the Power.
.Faulted_once
6
1
Faulted Once (Only Active When Rep_flt_inhibit is Set)
Indicates That a First Fault Has Been Detected. After a Fault Occurs, Faulted_once Will be Set at the
Moment the Transmitter is Disabled (by Setting the EN pin of Soft_en Bit Inactive). If the Transmitter
is Subsequently Re-enabled and a Second Fault Occurs Within 25ms, the Faulted_twice Bit is Set. If
No Fault Occurs Within 25ms, the Faulted_once Bit is Cleared.
0: A First Fault Has Not Been Detected or Has Been Cleared.
1: A First Fault Has Been Detected.
.Faulted
5
1
Faulted
0: The LTC5100 is Not in the Faulted State.
1: A Fault Has Occurred and the LTC5100 Has Entered the Faulted State (the Transmitter is Not
Disabled Unless Auto_shutdn_en is Set).
.Under_votlage
4
1
Undervoltage Fault Indicator (Always Enabled)
Cleared-on-read
Indicates That a Power Supply Undervoltage Event Occurred.
0: No Fault, 1: Undervoltage Fault Detected.
The Undervoltage Bit is Always Set at Power Up. Read the FLT_STATUS Register Immediately After
Power-Up to Clear This Bit.
.Mem_load_error
3
0
Memory (EEPROM) Load Error Indicator (Always Enabled)
Cleared-on-read
Indicates That an Attempt to Load the Registers from EEPROM Was Started But Did Not Complete
Successfully.
0: No Fault, 1: EEPROM Load Failed.
.Over_power
2
0
Laser Overpower Fault Indicator (Enabled by Over_pwr_en)
Cleared-on-read
Indicates That a Laser Overpower Fault Occurred. Overpower Occurs When the Monitor Diode Current
Exceeds its Set Point. An Overpower Fault Can Occur Only in APC Mode.
0: No Fault, 1: Overpower Fault Detected.
.Under_power
1
0
Laser Underpower Fault Indicator (Enabled by Under_pwr_en)
Cleared-on-read
Indicates That a Laser Underpower Fault Occurred. Underpower Occurs When the Monitor Diode
Current Falls Below its Set Point. An Underpower Fault Can Occur Only in APC Mode.
0: No Fault, 1: Underpower Fault Detected.
.Over_current
0
0
Laser Overcurrent Fault Indicator (Enabled by Over_current_en)
Cleared-on-read
Indicates That the Laser Bias Current Exceeded the Value Set in the IB_LIMIT Register.
0: No Fault, 1: Overcurrent Fault Detected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com