Electronic Components Datasheet Search
  English  ▼

X  

LTC5100 Datasheet(PDF) 30 Page - Linear Technology

Part # LTC5100
Description  3.3V, 3.2Gbps VCSEL Driver
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC5100 Datasheet(HTML) 30 Page - Linear Technology

Back Button LTC5100 Datasheet HTML 26Page - Linear Technology LTC5100 Datasheet HTML 27Page - Linear Technology LTC5100 Datasheet HTML 28Page - Linear Technology LTC5100 Datasheet HTML 29Page - Linear Technology LTC5100 Datasheet HTML 30Page - Linear Technology LTC5100 Datasheet HTML 31Page - Linear Technology LTC5100 Datasheet HTML 32Page - Linear Technology LTC5100 Datasheet HTML 33Page - Linear Technology LTC5100 Datasheet HTML 34Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 52 page
background image
LTC5100
30
sn5100 5100fs
Conversion Sequence
The ADC has a 1ms conversion time and operates in a four-
cycle sequence. Three of these cycles are dedicated to the
needs of the servo controllers for laser bias and modula-
tion current. One cycle is available to the user to convert
any desired quantity. Table 2 shows how the four conver-
sion time slots are allocated. The temperature compensa-
tion and servo loop calculations are done during the User
cycle. The source and modulation DACs are also updated
during this cycle.
Table 2. ADC Conversion Sequence
RESULT STORED IN
CYCLE
APC MODE
CCC MODE
REGISTER
1
T
T
T_INT_ADC
2IM
IM
IM_ ADC
3IMD
IS
IMD_ADC/IS_ADC
4
User
User
USER_ADC
User Access to the ADC
The results of each conversion cycle in Table 2 are stored
in user accessible registers. The last die temperature
measurement can be read over the I2C bus at any time by
reading the T_INT_ADC register. Note that the quantity
converted during the third cycle depends on whether the
chip is in APC or CCC mode. The result of the third
conversion cycle is stored in a register that is called
IMD_ADC in APC mode and IS_ADC in CCC mode. There
is only one register, but it is given two names to indicate
the quantity it actually holds.
The fourth cycle, called the user cycle, is available to
digitize any of the six multiplexed signals. The result can
be read out over the I2C serial bus. The signal to be
digitized during the user cycle is selected by setting the
three-bit field USER_ADC.Adc_src_sel (see Table 23).
For example, setting Adc_ src_sel = 2 programs the
multiplexer to select the laser diode voltage, VLD. During
the next user conversion cycle, VLD is converted and
stored to the USER_ADC. Data field. When the conversion
is
complete,
USER_ADC.Valid
is
set
and
USER_ADC.Adc_src indicates the signal source whose
converted value is stored in USER_ADC.Data. Reading or
OPERATIO
writing the USER_ADC register clears the Valid bit. The
Valid bit remains cleared until the next user conversion is
complete. USER_ADC.Adc_src always corresponds to
the signal source whose data is stored in USER_ADC.Data,
not the source that was most recently selected by writing
USER_ADC.Adc_src_sel. The Valid bit and ADC_src field
are useful for monitoring when the ADC has updated the
USER_ADC.Data field. Table 3 gives an extended example
of accessing the USER_ADC register.
Note that the content of the USER_ADC register is different
for writing and for reading, even though the I2C command
used to access this register is the same in both cases. See
Table 23 and Table 24 for a detailed definition of the bit
fields in the USER_ADC register. Table 23 also shows how
to convert ADC digital codes to real-world quantities.
DIRECT MICROPROCESSOR CONTROL OF THE LASER
BIAS AND MODULATION CURRENT
Setting Lpc_en to zero turns off the LTC5100’s digital
Laser Power Controller (see Figure 2). The source and
modulation DACs (Is_dac and Im_dac) can then be written
from the I2C serial bus, allowing an external microproces-
sor or test computer to directly control the source and
modulation currents.
DIGITAL CONTROL AND THE I2C SERIAL INTERFACE
The LTC5100 has extensive digital control and monitoring
features. These features can be used during final assembly
of a transceiver module to set up the laser and verify
performance. In normal operation, the LTC5100 can oper-
ate standalone or under microprocessor supervision. Op-
erating standalone, the LTC5100 automatically loads its
configuration and laser operating parameters (bias cur-
rent, modulation current, monitor diode current) from a
small external EEPROM at power up. Operating under
microprocessor supervision, the microprocessor is in
total control of setting up the LTC5100.
I2C Serial Interface Protocol
The digital interface for the LTC5100 is I2C, a 2-wire serial
bus standard that is fully documented in “I2C-Bus and How



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com