Electronic Components Datasheet Search
  English  ▼

X  

LTC5100 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC5100
Description  3.3V, 3.2Gbps VCSEL Driver
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC5100 Datasheet(HTML) 3 Page - Linear Technology

  LTC5100 Datasheet HTML 1Page - Linear Technology LTC5100 Datasheet HTML 2Page - Linear Technology LTC5100 Datasheet HTML 3Page - Linear Technology LTC5100 Datasheet HTML 4Page - Linear Technology LTC5100 Datasheet HTML 5Page - Linear Technology LTC5100 Datasheet HTML 6Page - Linear Technology LTC5100 Datasheet HTML 7Page - Linear Technology LTC5100 Datasheet HTML 8Page - Linear Technology LTC5100 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 52 page
background image
LTC5100
3
sn5100 5100fs
ELECTRICAL CHARACTERISTICS The q denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C; VDD = VDD(HS) = 3.3V, IS = 24mA; IM = 12mA (IMPP = 24mA); 49.9Ω, 1%
resistor from SRC (Pin 14) to MODA (Pin 11); 50
Ω, 1% load AC coupled to MODB (Pin 10); 10nF, 10% capacitor from SRC (Pin 14) to
VSS; Cml_en = 0, Lpc_en = 1, transmitter enabled, unless otherwise noted. Test circuit in Figure 5.
1/8 of Full-Scale Peak-to-Peak
Modulation Current
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Laser Bias Current, IB
Full-Scale Current (Note 8)
Is_rng = 0
6 – IM
9 – IM
mA
Is_rng = 1
12 – IM
18 – IM
mA
Is_rng = 2
18 – IM
27 – IM
mA
Is_rng = 3
24 – IM
36 – IM
mA
Absolute Accuracy
SRC Pin and MODA, MODB Pin Currents Within
±25
%
Specified Voltage Ranges
Resolution
10
Bits
Linear Tempco Resolution
122
ppm/
°C
Linear Tempco Range
±15625
ppm/
°C
Second Order Tempco Resolution
3.81
ppm/
°C2
Second Order Tempco Range
±488
ppm/
°C2
Temperature Stability
Ib_tc1 = 0, Ib_tc2 = 0
±500
ppm/
°C
Off-State Leakage
Transmitter Disabled, VSRC = 1.2V
50
µA
MODA, MODB Pin Current, IM
Full Scale, Peak-to-Peak Modulation Current (Note 9)
Im_rng = 0
6
9
mA
Im_rng = 1
12
18
mA
Im_rng = 2
18
27
mA
Im_rng = 3
24
36
mA
Minimum Operating Current (Note 10)
Resolution (Note 11)
9
Bits
Current Stability
Im_tc1 = 0, Im_tc2 = 0
±500
ppm/
°C
Voltage Range
Peak Transient Voltage on MODA and MODB
1.2
2.7
V
Absolute Accuracy of the Modulation Current
±25
%
Linear Tempco Resolution
122
ppm/
°C
Linear Tempco Range
±15625
ppm/
°C
Second Order Tempco Resolution
3.81
ppm/
°C2
Second Order Tempco Range
±484
ppm/
°C2
Maximum Bit Rate
3.2
Gbps
Modulation Current Rise and Fall Times
20% to 80% Measured with K28.5 Pattern at
60
ps
2.5Gbps
Deterministic Jitter, Peak-to-Peak (Note 12)
Measured with K28.5 Pattern at 3.2Gbps
10
ps
Random Jitter, RMS (Note 13)
1psRMS
Pulse Width Distortion
10
ps
Automatic Power Control (Note 14)
Minimum Operating Current for the Monitor Diode
20% of Full Scale
(Note 15)
Monitor Diode Current
Temperature Stability
Imd_tc1 = 0, Imd_tc2 = 0
±500
ppm/
°C
Monitor Diode Bias Voltage (Note 16)
IMD ≤ 1600µA
1.45
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com