Electronic Components Datasheet Search
  English  ▼

X  

LTC5100 Datasheet(PDF) 12 Page - Linear Technology

Part # LTC5100
Description  3.3V, 3.2Gbps VCSEL Driver
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC5100 Datasheet(HTML) 12 Page - Linear Technology

Back Button LTC5100 Datasheet HTML 8Page - Linear Technology LTC5100 Datasheet HTML 9Page - Linear Technology LTC5100 Datasheet HTML 10Page - Linear Technology LTC5100 Datasheet HTML 11Page - Linear Technology LTC5100 Datasheet HTML 12Page - Linear Technology LTC5100 Datasheet HTML 13Page - Linear Technology LTC5100 Datasheet HTML 14Page - Linear Technology LTC5100 Datasheet HTML 15Page - Linear Technology LTC5100 Datasheet HTML 16Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 52 page
background image
LTC5100
12
sn5100 5100fs
BLOCK DIAGRA
–
+
–
+
IM(MON)
IM
VTERM(MON)
VLD
MODA
MODB
Transmit_en
Transmit_en
Im_rng
Is_rng
Is_rng
PEAKING DAC
5 BITS
IM DAC
10 BITS
IS DAC
10 BITS
IS
VDD
Im_rng Is_rng
IS(MON)
IMD(MON)
Over_current
Over_pwr
Under_pwr
En_polarity
Over_pwr
Under_pwr
IM(MON)
11
10
VSS
5100 F02
9
VSS
12
SRC
14
IS(MON)
Over_current
–
–
+
–
+
Imd_rng
Md_polarity
LOGARITHMIC
AMPLIFIER
Flt_pin_polarity
Transmit_en
Flt_drv_mode
FAULT PIN
DRIVER
Ib LIMIT DAC
7 BITS
10-BIT ADC
IS(MON)
IM(MON)
VLD
IMD(MON)
VTERM(MON)
TEMP
SENSOR
sel
LASER POWER
CONTROLLER
REGISTER
SET
SERIAL DIGITAL
INTERFACE
UNDERVOLTAGE
DETECTION
Under_voltage
POWER LIMIT
COMPARATORS
TRANSMIT AND
FAULT
CONTROLLER
CURRENT
ATTENUATOR
6
7
SDA
EN
16
VDD
SCL
2
IN+
3
IN–
VSS
100
µA
DATA BUS
100
µA
MD
13
FAULT
5
4
17
VSS 1
VDD(HS) 8
50
Ω
50
Ω
CML_en
VDD(HS)
20pF
15
VSS (EXPOSED PAD)
Mem_load_errorr
Fault
Figure 2. Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com