Electronic Components Datasheet Search
  English  ▼

X  

LTC5100 Datasheet(PDF) 11 Page - Linear Technology

Part # LTC5100
Description  3.3V, 3.2Gbps VCSEL Driver
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC5100 Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC5100 Datasheet HTML 7Page - Linear Technology LTC5100 Datasheet HTML 8Page - Linear Technology LTC5100 Datasheet HTML 9Page - Linear Technology LTC5100 Datasheet HTML 10Page - Linear Technology LTC5100 Datasheet HTML 11Page - Linear Technology LTC5100 Datasheet HTML 12Page - Linear Technology LTC5100 Datasheet HTML 13Page - Linear Technology LTC5100 Datasheet HTML 14Page - Linear Technology LTC5100 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 52 page
background image
LTC5100
11
sn5100 5100fs
PI FU CTIO S
VSS (Pins 1, 4, 9, 12, 17): Ground for Digital, Analog and
High Speed Circuitry. These pins are internally connected.
Connect Pins 1, 4, 9 and 12 to the ground plane with
minimal trace lengths. Place a minimum of four vias
(preferably nine vias) to the ground plane in the Exposed
Pad area. Most of the high speed modulation current is
returned through the Exposed Pad (Pin 17).
IN+, IN– (Pins 2, 3): High Speed Laser Modulation Inputs.
The inputs are differential with internal termination resis-
tors. The input amplifier is internally AC coupled. With
current mode logic (CML) enabled, the inputs are indepen-
dently terminated to VDD(HS) with 50Ω resistors. With
CML disabled, the inputs provide 100
Ω differential termi-
nation and permit rail-to-rail common mode range. The
input pins can be AC coupled with external capacitors.
When externally AC coupled, the input pins self-bias to
VDD(HS)/2. The Cml_en bit selects the termination mode.
FAULT (Pin 5): Signals One of Five Safety Fault Con-
ditions: laser overcurrent, overpower, underpower, power
supply undervoltage and memory load error. The pin can
be programmed active high or active low with the
Flt_pin_polarity bit. The FAULT pin can be programmed to
four different drive modes with the Flt_drv_mode bits.
SDA, SCL (Pins 6, 7): Serial Interface Data and Clock
Signals. The pins are open drain with a 100
µAinternalpull-
up current. An external pull-up resistor can be added to
drive larger capacitive loads.
VDD(HS) (Pin 8): Power Input for the High Speed Laser
Modulation Circuitry. Filter this pin with a ferrite bead and
bypass the pin directly to the ground plane with a 10nF
ceramic capacitor.
MODA, MODB (Pins 11, 10): High Speed Laser Modula-
tion Outputs. MODA and MODB are connected on-chip
and driven by an open-drain output transistor. One of
these pins should be connected to the laser. The other
should be connected to a termination resistor. See the
Applications Information section for details.
MD (Pin 13): Monitor Diode Input for Automatic Power
Control of the Laser Bias Current. The MD pin allows
connection to the cathode or anode of the monitor diode.
The Md_polarity bit selects the polarity of the monitor
diode.
SRC (Pin 14): Current Source for Biasing the Laser. See
the Applications Information section for details.
EN (Pin 15): Transmitter Enable and Disable Input. This
input is TTL compatible and can be programmed for active
high or active low operation with the En_polarity bit. An
internal 10
µA current source disables the transmitter if the
EN pin becomes disconnected. This safety feature oper-
ates whether the EN pin is active high or active low.
VDD (Pin 16): Power Input for Digital and Low Speed
Analog Circuitry. Connect this pin to VDD(HS) (Pin 8) with
a short trace. No bypassing is needed at the VDD pin if the
trace length to the VDD(HS) bypass capacitor is less than
10mm long.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com