Electronic Components Datasheet Search
  English  ▼

X  

LTC5100 Datasheet(PDF) 27 Page - Linear Technology

Part # LTC5100
Description  3.3V, 3.2Gbps VCSEL Driver
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC5100 Datasheet(HTML) 27 Page - Linear Technology

Back Button LTC5100 Datasheet HTML 23Page - Linear Technology LTC5100 Datasheet HTML 24Page - Linear Technology LTC5100 Datasheet HTML 25Page - Linear Technology LTC5100 Datasheet HTML 26Page - Linear Technology LTC5100 Datasheet HTML 27Page - Linear Technology LTC5100 Datasheet HTML 28Page - Linear Technology LTC5100 Datasheet HTML 29Page - Linear Technology LTC5100 Datasheet HTML 30Page - Linear Technology LTC5100 Datasheet HTML 31Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 52 page
background image
LTC5100
27
sn5100 5100fs
by an on-chip temperature sensor or by an external
microprocessor, according to the setting of Ext_temp_en.
The temperature compensated expression for Ib_set is
given by:
Ib set
Ib nom
Ib tc
T
Ib tc
T
__
•
_•
•
_•
•
–
–
=
∆
+∆ +
22
12
1
18
2
13
(29)
Ib_tc1 and Ib_tc2 are the first and second order tempera-
ture coefficients for the laser bias current.
TRANSMIT ENABLE, FAULT DETECTION
AND EYE SAFETY
The LTC5100 is compatible with the Gigabit Interface
Converter (GBIC) specification, but includes additional
features and safety interlocks. Figure 27 shows the state
diagram for enabling the transmitter and detecting faults.
The EN pin and Soft_en control bit enable and disable the
transmitter. The EN pin may be programmed for active
high or active low operation with the En_polarity bit.
OPERATIO
READY
(DISABLED)
2
SETTLING
(ENABLED)
4
READ
EEPROM
1
WAIT
64ms
3
SETTLED
(ENABLED)
5
READY
(SETTLED
AND
DISABLED)
6
FAULTED
(DISABLED)
8
POWER ON RESET OR
Operating_mode = 0
SUCCEEDED OR
Operating_mode = 1
100ms
TIMEOUT
ENABLE AND
Rapid_restart_en = 0
ENABLE
ENABLE
Transmitter_enabled = 0
FAULT DETECTION DISABLED
Transmitter_enabled = 1
FAULT PIN ASSERTED
Transmitter_enabled = 0
Transmit_ready = 0
Faulted = 1
SETTLING
(ENABLED)
10
FAULT DETECTION DISABLED
Transmitter_enabled = 1
SETTLING
(ENABLED)
11
FAULTED
TWICE
(DISABLED)
12
FAULT DETECTION ENABLED
Transmit_ready = 1
POWER ON RESET
5100 F27
Faulted = 1
Faulted_once = 1
Faulted_twice = 1
Faulted = 0
Faulted_once = 1
25ms
TIMEOUT
100ms
TIMEOUT
Transmitter_enabled = 0
Transmit_ready = 0
FAULT
FAULT DETECTION ENABLED
Transmit_ready = 1
FAULT DETECTION DISABLED
Transmit_ready = 1
ENABLE = EN AND Soft_en
FAULT = Over_current OR
Over_power OR
Under_power
FAILED
TIMEOUT
Mem_load_error = 1
Operating_mode = 1
READY
(DISABLED)
9
ENABLE
ENABLE
FAULT
SETTLING
(ENABLED)
7
ENABLE
Faulted_once = 0
ENABLE
40ms
TIMEOUT
ENABLE AND
Rapid_restart_en = 1
ENABLE AND
Rep_flt_inhibit = 0
ENABLE AND
Rep_flt_inhibit = 1
Figure 27. State Diagram for Transmitter Enable and Fault Detection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com