Electronic Components Datasheet Search
  English  ▼

X  

LTC5100 Datasheet(PDF) 44 Page - Linear Technology

Part # LTC5100
Description  3.3V, 3.2Gbps VCSEL Driver
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC5100 Datasheet(HTML) 44 Page - Linear Technology

Back Button LTC5100 Datasheet HTML 40Page - Linear Technology LTC5100 Datasheet HTML 41Page - Linear Technology LTC5100 Datasheet HTML 42Page - Linear Technology LTC5100 Datasheet HTML 43Page - Linear Technology LTC5100 Datasheet HTML 44Page - Linear Technology LTC5100 Datasheet HTML 45Page - Linear Technology LTC5100 Datasheet HTML 46Page - Linear Technology LTC5100 Datasheet HTML 47Page - Linear Technology LTC5100 Datasheet HTML 48Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 52 page
background image
LTC5100
44
sn5100 5100fs
REGISTER DEFI ITIO S
Table 24. Register: USER_ADC—Reading (I2C Command Code 0x18)
REGISTER
RESET VALUE
.BITFIELD
BIT
(BIN)
FUNCTION AND VALUES
.Reserved
15
.Adc_src
14
0
ADC Signal Source
13
0
Specifies the Signal Source of the Last User ADC Conversion. See Table 23 for the Definition of These
12
0
Signal Sources. Adc_src Reflects the Last Signal Source Converted. It Does Not Necessarily Hold the
Last Value Written to the ADC_src_sel Bit Field.
.Reserved
11
.Valid
10
0
ADC Data Valid
Indicates That the Result in the Data Bit Field (Defined Below) Contains Newly Converted Data Since
the Last Time Adc_src_sel Was Written or This Register Was Read. Immediately After Power Up
Valid is False. Valid Becomes True as Soon as the First User ADC Conversion is Completed.
0: The ADC Result is Not a Valid Conversion of the Most Recently Selected ADC Source.
1: The ADC Has Finished Conversion and the Result is Valid.
.Data
9
0
ADC Data (10-Bit Unsigned Integer)
8
0
Contains the Result of the Last User ADC Conversion. See Table 23 for the Definition of the Available
70
Signal Sources.
60
50
40
30
20
10
00
Table 25. Register: T_INT_ADC—Internal Temperature ADC (I2C Command Code 0x05)
REGISTER
RESET VALUE
.BITFIELD
BIT
(BIN)
FUNCTION AND VALUES
.Reserved
15:10
.T_int_adc
9
0
ADC Reading of the Internal (Die) Temperature (10-Bit Unsigned Integer)
8
0
This Bit Field Contains the Result of the Last Conversion of the LTC5100’s Internal Die Temperature.
70
6
0
The Scaling is 512
°K or 239°C Full Scale, Corresponding to 0.5°C/LSB.
50
4
0
T = T_int_adc • 0.5
°C – 273°C, Where T is the Internal Temperature in Degrees Celsius.
30
20
10
00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com