Electronic Components Datasheet Search
  English  ▼

X  

LTC5100 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC5100
Description  3.3V, 3.2Gbps VCSEL Driver
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC5100 Datasheet(HTML) 4 Page - Linear Technology

  LTC5100 Datasheet HTML 1Page - Linear Technology LTC5100 Datasheet HTML 2Page - Linear Technology LTC5100 Datasheet HTML 3Page - Linear Technology LTC5100 Datasheet HTML 4Page - Linear Technology LTC5100 Datasheet HTML 5Page - Linear Technology LTC5100 Datasheet HTML 6Page - Linear Technology LTC5100 Datasheet HTML 7Page - Linear Technology LTC5100 Datasheet HTML 8Page - Linear Technology LTC5100 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 52 page
background image
LTC5100
4
sn5100 5100fs
ELECTRICAL CHARACTERISTICS The q denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C; VDD = VDD(HS) = 3.3V, IS = 24mA; IM = 12mA (IMPP = 24mA); 49.9Ω, 1%
resistor from SRC (Pin 14) to MODA (Pin 11); 50
Ω, 1% load AC coupled to MODB (Pin 10); 10nF, 10% capacitor from SRC (Pin 14) to
VSS; Cml_en = 0, Lpc_en = 1, transmitter enabled, unless otherwise noted. Test circuit in Figure 5.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Automatic Power Control (Note 14)
Temperature Compensation (Note 17)
Linear Tempco Resolution
254 • Imd_nom/1024
ppm/
°C
Linear Tempco Range
±32300 • Imd_nom/1024
ppm/
°C
ADC
Resolution
10
Bits
Source Current Measurement, IS (SRC Pin Current)
Full Scale
Is_rng = 0
9
mA
Is_rng = 1
18
mA
Is_rng = 2
27
mA
Is_rng = 3
36
mA
Accuracy
±3% of Full Scale
±25% of Reading
Average Modulation Current Measurement, IM (Note 18)
Full Scale
Im_rng = 0
9
mA
Im_rng = 1
18
mA
Im_rng = 2
27
mA
Im_rng = 3
36
mA
Accuracy
±3% of Full Scale
±25% of Reading
Laser Diode Voltage Measurement
Full Scale
3.5
V
Accuracy
±150mV ±10% of Reading
Monitor Diode Current Measurement (Note 19)
Full Scale
Imd_rng = 0
34
µA
Imd_rng = 1
136
µA
Imd_rng = 2
544
µA
Imd_rng = 3
2176
µA
Zero Scale
ADC Code = 0
1/8 of Full Scale
Resolution Relative to Reading
0.2
%
Accuracy
±25% of Reading
Temperature Measurement
Full Scale
Celsius
239
°C
Sensitivity
0.500
°C/LSB
Termination Resistor Voltage Measurement
Full Scale
Is_rng = 0
400
mV
Is_rng = 1
800
mV
Is_rng = 2
1200
mV
Is_rng = 3
1600
mV
Accuracy
±30mV ±10% of Reading
Safety Shutdown, Undervoltage Lockout (UVLO)
Undervoltage Detection
VDD Decreasing
2.8
V
Undervoltage Detection Hysteresis
150
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com