Electronic Components Datasheet Search
  English  ▼

X  

LTC5100 Datasheet(PDF) 37 Page - Linear Technology

Part # LTC5100
Description  3.3V, 3.2Gbps VCSEL Driver
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC5100 Datasheet(HTML) 37 Page - Linear Technology

Back Button LTC5100 Datasheet HTML 33Page - Linear Technology LTC5100 Datasheet HTML 34Page - Linear Technology LTC5100 Datasheet HTML 35Page - Linear Technology LTC5100 Datasheet HTML 36Page - Linear Technology LTC5100 Datasheet HTML 37Page - Linear Technology LTC5100 Datasheet HTML 38Page - Linear Technology LTC5100 Datasheet HTML 39Page - Linear Technology LTC5100 Datasheet HTML 40Page - Linear Technology LTC5100 Datasheet HTML 41Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 52 page
background image
LTC5100
37
sn5100 5100fs
Table 12. Register: IB (IMD)—Laser Bias Current Register (Monitor Diode Current in APC Mode) (I2C Command Code 0x15)
REGISTER
RESET VALUE
.BITFIELD
BIT
(BIN)
FUNCTION AND VALUES
.Reserved
15:12
.Is_rng
11
0
Source Current Range
10
0
Is_rng Sets the Full-Scale Range of the SRC Pin Current. The Table Below Shows the Available Ranges.
Values for Is_rng
Nominal Full-
Binary
Decimal
Scale SRC Pin
Value
Value
Current (mA)
00
0
9
01
1
18
10
2
27
11
3
36
See the Electrical Specifications for Guaranteed Limits in Each Range.
.Ib_nom
9
0
Bias Current or Monitor Diode Current Setting at the Nominal Temperature
(.Imd_nom in
8
0
This Bit Field has Different Functions Depending on Apc_en.
APC Mode)
7
0
This Bit Field is an Unsigned 10-Bit Integer.
60
Constant Current Control (CCC) Mode (Apc_en = 0): Ib_nom Sets the Laser Bias Current at
50
Temperature T = T_nom. The physical Bias Current at T_nom is Given by:
4
0
(typical)
30
20
Automatic Power Control (APC) Mode (Apc_en = 1): Imd_nom Sets the Monitor Diode Current at the
10
Temperature T = T_nom. The Physical Monitor Diode Current at T_nom is Given by:
00
REGISTER DEFI ITIO S
I=
Ib_nom
1024
B
•( _
) •
Is rng
mA
+ 19
IA
d nom
MD
drng
=µ


425
4
8
1024
.
•
• exp ln( )•
Im _
Im _
Table 13. Register: IB_TC1 (IMD_TC1)—Laser Bias/Monitor Diode Current First Order Temperature Coefficient
(I2C Command Code 0x16)
REGISTER
RESET VALUE
.BITFIELD
BIT
(BIN)
FUNCTION AND VALUES
.Reserved
15:8
.Ib_tc1 (.Imd_tc1
7
0
First Order Temperature Coefficient for Bias Current or Monitor Diode Current
in APC Mode)
6
0
This Bit Field is a Signed 8-Bit, Two’s Complement Integer. Thus its Value Ranges from –128 to 127.
5
0
This Bit Field has Different Functions Depending on Apc_en.
40
Constant Current Control (CCC) Mode (Apc_en = 0): Ib_tc1 Sets the First Order Temperature
30
Coefficient for the Laser Bias Current. The Nominal Scaling is 2–13/
°C or 122ppm/°C per LSB.
20
Automatic Power Control (APC) Mode (Apc_en = 1): Imd_tc1 Sets the First Order Temperature
10
Coefficient for the Monitor Diode Current. See Laser Bias Current Control in APC Mode
00
in the Operation Section for Details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com