Electronic Components Datasheet Search
  English  ▼

X  

LTC5100 Datasheet(PDF) 38 Page - Linear Technology

Part # LTC5100
Description  3.3V, 3.2Gbps VCSEL Driver
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC5100 Datasheet(HTML) 38 Page - Linear Technology

Back Button LTC5100 Datasheet HTML 34Page - Linear Technology LTC5100 Datasheet HTML 35Page - Linear Technology LTC5100 Datasheet HTML 36Page - Linear Technology LTC5100 Datasheet HTML 37Page - Linear Technology LTC5100 Datasheet HTML 38Page - Linear Technology LTC5100 Datasheet HTML 39Page - Linear Technology LTC5100 Datasheet HTML 40Page - Linear Technology LTC5100 Datasheet HTML 41Page - Linear Technology LTC5100 Datasheet HTML 42Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 52 page
background image
LTC5100
38
sn5100 5100fs
Table 14. Register: IB_TC2 (IMD_TC2)—Laser Bias/Monitor Diode Current Second Order Temperature Coefficient
(I2C Command Code 0x17)
REGISTER
RESET VALUE
.BITFIELD
BIT
(BIN)
FUNCTION AND VALUES
.Reserved
15:8
.Ib_tc2 (.Imd_tc2
7
0
Second Order Temperature Coefficient for Bias Current or Monitor Diode Current
in APC Mode)
6
0
This Bit Field is a Signed 8-Bit, Two’s Complement Integer. Thus its Value Ranges from –128 to 127.
5
0
This Bit Field has Different Functions Depending on Apc_en.
40
Constant Current Control (CCC) Mode (Apc_en = 0): Ib_tc2 Sets the Second Order Temperature
30
Coefficient for the Laser Bias Current. The Nominal Scaling is 2–18/
°C2 or 3.81ppm/°C2 per LSB.
20
Automatic Power Control (APC) Mode (Apc_en = 1): Imd_tc2 Sets the Second Order Temperature
10
Coefficient for the Monitor Diode Current. See Laser Bias Current Control in APC Mode
00
in the Operation Section for Details.
Table 15. Register: IM—Laser Modulation Current (I2C Command Code 0x19)
REGISTER
RESET VALUE
.BITFIELD
BIT
(BIN)
FUNCTION AND VALUES
.Reserved
15:12
.Im_rng
11
0
Modulation Current Range
10
0
Im_rng Sets the Full-Scale Range of the Modulation Current
Binary
Decimal
Nominal Full-Scale MODA and MODB Pin Current
Value
Value
Peak-to-Peak (mA)
Average (mA)
00
0
9
4.5
01
1
18
9
10
2
27
13.5
11
3
36
18
See the Electrical Specifications for Guaranteed Limits in Each Range.
These Currents Represent the Peak-to-Peak Current at the MODA and MODB Pins. (The MODA and
MODB Pins are Tied Together On Chip).
.Im_nom
9
0
Modulation Current Setting at the Nominal Temperature
8
0
This Bit Field is an Unsigned 10-Bit Integer. Im_nom Sets the Average Modulation Current Delivered at
70
the MODA and MODB Pins. (The MODA and MODB Pins are Tied Together On Chip).
60
The Peak-to-Peak Current is Twice the Average Current for a Data Stream with 50% Duty Cycle.
50
The Modulation Current Reaching the Laser Depends on its Dynamic Resistance Relative to the
40
Termination Resistor.
30
20
10
00
REGISTER DEFI ITIO S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com