Electronic Components Datasheet Search
  English  ▼

X  

LTC5100 Datasheet(PDF) 31 Page - Linear Technology

Part # LTC5100
Description  3.3V, 3.2Gbps VCSEL Driver
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC5100 Datasheet(HTML) 31 Page - Linear Technology

Back Button LTC5100 Datasheet HTML 27Page - Linear Technology LTC5100 Datasheet HTML 28Page - Linear Technology LTC5100 Datasheet HTML 29Page - Linear Technology LTC5100 Datasheet HTML 30Page - Linear Technology LTC5100 Datasheet HTML 31Page - Linear Technology LTC5100 Datasheet HTML 32Page - Linear Technology LTC5100 Datasheet HTML 33Page - Linear Technology LTC5100 Datasheet HTML 34Page - Linear Technology LTC5100 Datasheet HTML 35Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 52 page
background image
LTC5100
31
sn5100 5100fs
OPERATIO
Table 3. Example of User ADC Cycle Access
READ FROM
ADC
WRITE TO
ADC_USER
CYCLE
SIGNAL SOURCE
Adc_src_sel
REGISTER
Adc_src
Valid
Data
COMMENT
1T
VTERM
0VTERM(1)
Selected Signal Source is VTERM
2IM
VTERM
0VTERM(1)
3IS
VTERM
0VTERM(1)
4
User (VTERM)VTERM
0VTERM(1)
1T
VTERM
1VTERM(2)
ADC Updates Data with New Data,
Setting Valid
2IM
VLD
VTERM
0VTERM(2)
User Selects New Signal Source,
VLD, Clearing Valid
3IS
VTERM
0VTERM(2)
4
User (VLD)VTERM
0VTERM(2)
1T
VLD
1VLD(1)
ADC Updates Data with New Data,
Setting Vaild and Changing Adc_src
to Reflect the Source of the New Data
2IM
VLD
1VLD(1)
3IS
VLD
VLD
0VLD(1)
User Reads the ADC_USER Register,
Clearing Valid
4
User (VLD)VLD
0VLD(1)
1T
VLD
1VLD(2)
ADC Updates Data with New Data,
Setting Valid
2IM
VLD
1VLD(2)
3IS
VLD
1VLD(2)
4
User (VLD)VLD
1VLD(2)
to Use It, V1.0” by Philips Semiconductor. The 7-bit I2C
bus address for the LTC5100 is 0x0A (hex). When the
Read/Write bit that follows is a “1”, the resulting 8-bit word
becomes 0x15. When the Read/Write bit is a “0”, the 8-bit
word becomes 0x14. To communicate with the LTC5100,
the bus master transmits the LTC5100 address followed
by a command byte and data as defined by the I2C bus
specification and shown in Figure 28 and Table 4. Note that
16 bits of data are always transmitted, low byte first, high
byte last. Within each transmitted byte, the bit order is
Figure 28. I2C Serial Read/Write Sequences (LTC5100 Responses are Shown in Bold Italics)
Table 4. Legend for the I2C Protocol
SYMBOL
MEANING
S
Start
W
Write
R
Read
A
Acknowledge
NA
No Acknowledge
P
Stop
S
WRITE
READ
W
A
LTC5100
ADDRESS
(7 BITS) 0x0A
COMMAND
BYTE
LOW BYTE
A
A HIGH BYTE A P
LOW BYTE A HIGH BYTE
N
A
P
5100 F28
SW
A
LTC5100
ADDRESS
(7 BITS) 0x0A
LTC5100
ADDRESS
0x0A
COMMAND
BYTE
S
A
A
R
MSB .. LSB. The register set and I2C command set for the
LTC5100 are documented in Table 7 through Table 30.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com