Electronic Components Datasheet Search
  English  ▼

X  

LTC5100 Datasheet(PDF) 43 Page - Linear Technology

Part # LTC5100
Description  3.3V, 3.2Gbps VCSEL Driver
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC5100 Datasheet(HTML) 43 Page - Linear Technology

Back Button LTC5100 Datasheet HTML 39Page - Linear Technology LTC5100 Datasheet HTML 40Page - Linear Technology LTC5100 Datasheet HTML 41Page - Linear Technology LTC5100 Datasheet HTML 42Page - Linear Technology LTC5100 Datasheet HTML 43Page - Linear Technology LTC5100 Datasheet HTML 44Page - Linear Technology LTC5100 Datasheet HTML 45Page - Linear Technology LTC5100 Datasheet HTML 46Page - Linear Technology LTC5100 Datasheet HTML 47Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 52 page
background image
LTC5100
43
sn5100 5100fs
Table 22. Register: IB_LIMIT—Laser Bias Current Limit (I2C Command Code 0x11)
REGISTER
RESET VALUE
.BITFIELD
BIT
(BIN)
FUNCTION AND VALUES
.Reserved
15:7
.Ib_limit
6
0
Laser Bias Current Limit
5
0
This Bit Field is an Unsigned 7-Bit Integer
4
0
Sets the Detection Level for an Over_current Fault. When the Laser Bias Current Exceeds This Level an
30
Over_current Fault is Generated (Provided Over_current_en is Set).
20
The Physical Bias Current Level is Given By:
10
00
I=
Ib_limit
128
B(LIMIT)
•( _
)•
(
)
Is rng
mA typical
+ 19
REGISTER DEFI ITIO S
Table 23. Register: USER_ADC—Writing (I2C Command Code 0x18)
REGISTER
RESET VALUE
.BITFIELD
BIT
(BIN)
FUNCTION AND VALUES
.Reserved
15:3
.Adc_src_sel
2
0
ADC Source Select
1
0
Selects the Signal to be Converted by the ADC During the User ADC Cycle
00
User ADC Signal Sources
Signal
Select
Signal
(Binary)
Name
Description
Scaling
000
IS
Source Current (SRC Pin IS = ADC_code/1024 • (Is_rng + 1) • 9mA
Current)
001
IM
Average Modulation
IM = ADC_code/1024 • (Im_rng + 1) • 9mA
Current (MODA +MODB
Pin Current)
010
VLD
Laser Diode Voltage
VLD = ADC_code/1024 • 3.5V
011
IMD
Monitor Diode Current
IMD = 4.25µA • 4lmd_rng • exp[In(8) • ADC_code/
1024]
100
T
Temperature
T(
°C) = ADC_code • 0.5°C – 273°C
101
VTERM
Termination Resistor
VTERM = ADC_code/1024 • (Is_rng + 1) • 400mV
Voltage
110
Reserved Reserved
111
Reserved Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com