Electronic Components Datasheet Search
  English  ▼

X  

LTC5100 Datasheet(PDF) 20 Page - Linear Technology

Part # LTC5100
Description  3.3V, 3.2Gbps VCSEL Driver
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC5100 Datasheet(HTML) 20 Page - Linear Technology

Back Button LTC5100 Datasheet HTML 16Page - Linear Technology LTC5100 Datasheet HTML 17Page - Linear Technology LTC5100 Datasheet HTML 18Page - Linear Technology LTC5100 Datasheet HTML 19Page - Linear Technology LTC5100 Datasheet HTML 20Page - Linear Technology LTC5100 Datasheet HTML 21Page - Linear Technology LTC5100 Datasheet HTML 22Page - Linear Technology LTC5100 Datasheet HTML 23Page - Linear Technology LTC5100 Datasheet HTML 24Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 52 page
background image
LTC5100
20
sn5100 5100fs
Figure 17 depicts the current ranges for the source cur-
rent. The guaranteed full scale is 6mA per range. The
minimum operating level should be limited to 1/16 of full
scale to avoid the coarse relative quantization seen in any
ADC or DAC when operated at low levels. The source
range, Is_rng, should be selected as low as possible such
that the source current, IS, stays within the guaranteed
current limits over temperature, considering the laser
temperature characteristics. From Equation 1 we can see
that the source current is the sum of the laser bias and the
average modulation currents:
IS = IB+ IM
(15)
Is_rng should be chosen to support the total current
required for laser bias and modulation, taking temperature
changes in IB and IM into account.
Figure 18 depicts the current ranges for the average
modulation current. This is the average modulation cur-
rent at the MODA and MODB pins of the chip (recall that the
MODA and MODB pins are connected on-chip). The peak-
to-peak modulation at the pins of the chip is twice the
average. Guaranteed full scale is 3mA average or 6mA pp
per range. The minimum operating level should be limited
to 1/8 of full scale to preserve the quality of the eye
diagram. Operating below 1/8 full scale causes increased
overshoot and undershoot. The modulation range, Im_rng,
should be selected as low as possible such that the
modulation current, IM, stays within the guaranteed cur-
rent limits over temperature. The modulation current
varies over temperature to compensate the loss in slope
efficiency typical of most VCSELs. Therefore, the choice of
Im_rng should take temperature changes into account.
High Speed Aspects of the Modulation Output
The LTC5100 modulation output presents a resistive drive
impedance with very low reflection coefficient. This output
design suppresses ringing and reflections to maintain the
quality of the eye diagrams in spite of laser impedance
variations. The reflection coefficient is sufficiently low that
the LTC5100 can drive the laser over an arbitrary length of
transmission line, as shown in Figure 19. A well designed
transmission line stretching the entire length of a typical
transceiver module goes virtually unnoticed in this sys-
tem. The only practical limitation on interconnect length to
the laser is high frequency line loss.
OPERATIO
Figure 17. Ranges for the Source Current
Figure 18. Ranges for the Modulation Current
Figure 19. High Speed Details of the Modulation Output
0
9
Is_rng = 0
5100 F17
4.5
18
27
36
Is_rng = 1
RECOMMENDED
MINIMUM IS 1/16
OF FULL SCALE
Is_rng = 2
Is_rng = 3
IS (mA)
0
4.5
Im_rng = 0
5100 F18
9
13.5
18
Im_rng = 1
RECOMMENDED
MINIMUM IS 1/8
OF FULL SCALE
Im_rng = 2
Im_rng = 3
IM (mA)
VSS
IM
LBWB
M1
IS = IB + IM
ZO = RT
IB
IS
VDD
SRC
MODA
MODB
LTC5100
RT
50
Ω
TYP
CT
10nF
3.2Gbps
MODULATOR
TRANSMISSION
LINE
14
11
10
C1
LBWA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com