Electronic Components Datasheet Search
  English  ▼

X  

LTC5100 Datasheet(PDF) 15 Page - Linear Technology

Part # LTC5100
Description  3.3V, 3.2Gbps VCSEL Driver
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC5100 Datasheet(HTML) 15 Page - Linear Technology

Back Button LTC5100 Datasheet HTML 11Page - Linear Technology LTC5100 Datasheet HTML 12Page - Linear Technology LTC5100 Datasheet HTML 13Page - Linear Technology LTC5100 Datasheet HTML 14Page - Linear Technology LTC5100 Datasheet HTML 15Page - Linear Technology LTC5100 Datasheet HTML 16Page - Linear Technology LTC5100 Datasheet HTML 17Page - Linear Technology LTC5100 Datasheet HTML 18Page - Linear Technology LTC5100 Datasheet HTML 19Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 52 page
background image
LTC5100
15
sn5100 5100fs
TEST CIRCUIT
Figure 5. Test Circuit
EQUIVALE T I PUT A D OUTPUT CIRCUITS
15
EN
VDD
En_polarity
0 EN ACTIVE LOW
10
µA
VDD
VSS
10
µA
5100 F06
1 EN ACTIVE HIGH
LTC5100
100
µA
5100 F07
SDA, SCL
6, 7
VDD
LTC5100
VDD
Figure 6. Equivalent Circuit for the EN Pin
Figure 7. Equivalent Circuit for the SDA and SCL Pins
6
3.3mA
DRIVER
COMPLEMENTARY
DRIVE
FAULT
5100 F08
250
µA
PULL-UP
250
µA
3.3mA
DRIVER
400
µA
PULL-UP
400
µA
VDD
LTC5100
VDD
13
VDD
M2
Md_polarity
MD
5100 F09
Imd
Imd
M1
1
0
LTC5100
VDD
Figure 8. Equivalent Circuit for the FAULT Pin.
All Switches are Open in Open-Drain Mode
Figure 9. Equivalent Circuit for the MD Pin
FAULT
SDA
SCL VDD(HS)
VDD
VDD
VSS
IN+
IN–
VSS
VSS
MODA
MODB
VSS
EN
SRC
1.8V POWER SOURCE
LTC5100
MD
13
12
10nF
ZO = 50Ω
MICROWAVE
BLOCKING
CAPACITOR
TO
SCOPE
50
Ω
RESISTORS: 0402 SURFACE MOUNT
CAPACITORS: 0402 SURFACE MOUNT, X7R DIELECTRIC
11
10
9
1
2
3
4
14
15
16
8
10nF
5100 F05
7
6
5
10nF
ZO = 50Ω
ZO = 50Ω
FROM
BERT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com