Electronic Components Datasheet Search
  English  ▼

X  

LTC5100 Datasheet(PDF) 17 Page - Linear Technology

Part # LTC5100
Description  3.3V, 3.2Gbps VCSEL Driver
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC5100 Datasheet(HTML) 17 Page - Linear Technology

Back Button LTC5100 Datasheet HTML 13Page - Linear Technology LTC5100 Datasheet HTML 14Page - Linear Technology LTC5100 Datasheet HTML 15Page - Linear Technology LTC5100 Datasheet HTML 16Page - Linear Technology LTC5100 Datasheet HTML 17Page - Linear Technology LTC5100 Datasheet HTML 18Page - Linear Technology LTC5100 Datasheet HTML 19Page - Linear Technology LTC5100 Datasheet HTML 20Page - Linear Technology LTC5100 Datasheet HTML 21Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 52 page
background image
LTC5100
17
sn5100 5100fs
LASER BIAS AND MODULATION
Modulator Architecture
The LTC5100 drives common cathode lasers using a
method called “shunt switching”. As shown in Figure 12,
shunt switching involves sourcing DC current into the
laser diode and shunting part of that current with a high
speed current switch to produce the required modulation.
The SRC pin provides the DC current and the MODA,
MODB pins (which are connected on chip) provide the
high speed modulation current. This technique results in
a very fast, single-ended driver that confines the high
speed modulation current to the laser and ground system.
The LTC5100 actually uses a modified shunt switching
scheme in which the source current is delivered through
a “termination” resistor, RT, that is bypassed to ground
with a large capacitor. The resistor brings three advan-
tages to the modulation stage. First, it gives the modulator
a precise resistive output impedance to damp ringing and
absorb reflections from the laser. Second, the resistor
isolates the capacitance of the SRC pin from the high
speed signal path, further improving modulation speed.
Third, the resistor and capacitor heavily filter the high
speed output signal so that it does not modulate the power
supply and cause radiation or interference. On-chip
decoupling of the high speed amplifiers further reduces
power supply noise generation.
OPERATIO
Terminology and Basic Calculations
Figure 12 through Figure 16 define terminology that is
used throughout this data sheet. The current delivered by
the SRC pin is called IS. The average modulation current
delivered by the chip at the MODA, MODB pins is called IM.
The laser bias current, IB, is defined as the average current
in the laser. IB is the difference between the source current
and average modulation current.
The
peak-to-peak modulation current delivered by the
chip is called IMPP. IMPP is twice the value of IM because
the high speed data is assumed to have a 50% duty cycle.
The peak-to-peak modulation current is divided between
the termination resistor and the laser. The peak-to-peak
modulation amplitude
in the laser is called IMOD. The
relationship between IMPP and IMOD depends on the
relative values of the termination resistor and the laser
dynamic resistance.
Figure 12. Simplified Laser Bias and Modulation Circuit
VSS
IM
IS = IB + IM
IB
IMOD
IS
VDD
MODA, MODB
11, 10
SRC
LTC5100
RT
50
Ω
TYP
CT
10nF
IMPP = 2 • IM
3.2Gbps
MODULATOR
14
Figure 13. Components of the LTC5100 Source and
Modulation Currents (The Laser Bias Current is Also Shown)
0
IM
IS
IM
IB
IMPP
5100 F13
The relationships between the source, bias, and modula-
tion currents are as follows.
IB = IS – IM
(1)
IMPP = 2 • IM
(2)
I
R
RR
I
MOD
T
TLD
MPP
=
+
()
•
(3)
where
RT is the termination resistor value.
RLD is the dynamic resistance of the laser, defined in
Figure 15.
The expression for IB in Equation 1 shows that the maxi-
mum achievable laser bias current is a function of the
maximum source current, IS, and the average modulation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com