Electronic Components Datasheet Search
  English  ▼

X  

LTC5100 Datasheet(PDF) 16 Page - Linear Technology

Part # LTC5100
Description  3.3V, 3.2Gbps VCSEL Driver
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC5100 Datasheet(HTML) 16 Page - Linear Technology

Back Button LTC5100 Datasheet HTML 12Page - Linear Technology LTC5100 Datasheet HTML 13Page - Linear Technology LTC5100 Datasheet HTML 14Page - Linear Technology LTC5100 Datasheet HTML 15Page - Linear Technology LTC5100 Datasheet HTML 16Page - Linear Technology LTC5100 Datasheet HTML 17Page - Linear Technology LTC5100 Datasheet HTML 18Page - Linear Technology LTC5100 Datasheet HTML 19Page - Linear Technology LTC5100 Datasheet HTML 20Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 52 page
background image
LTC5100
16
sn5100 5100fs
EQUIVALE T I PUT A D OUTPUT CIRCUITS
2
IN+
3
IN–
50
Ω
50k
VDD(HS)
TO INPUT
AMPLIFIER
50k
5100 F10
25k
20pF
RON ≅ 3Ω
Cml_en
50
Ω
LTC5100
VDD(HS)
VDD(HS)
14
VDD
M2
25k
SRC
11
MODA
10
MODB
5100 F11
1M
M1
LTC5100
VDD(HS)
VDD(HS)
Figure 10. Equivalent Circuit for the IN+ and IN– Pins
Figure 11. Equivalent Circuit for the SRC, MODA and MODB Pins
OPERATIO
OVERVIEW
(Refer to Figure 1 and the Block Diagram in Figure 2)
The LTC5100 is optimized to drive common cathode
VCSELs in high speed fiber optic transceivers. The chip
incorporates several features that make it very compact
and easy-to-use while delivering exceptional high speed
performance. Only a capacitor, a resistor and a small
EEPROM (excluding laser diode and power supply filter-
ing) are needed to build a complete fiber optic transmitter.
Digital control over the I2C serial interface allows fully
automated laser setup to improve manufacturing effi-
ciency. The LTC5100’s extensive set of eye safety features
meet GBIC and SFF requirements but go beyond the
standards with open-pin protection, redundant transmit-
ter enable controls and other interlocks.
10-bit integrated DACs set laser bias and modulation
levels, eliminating the cost and space of digital potentiom-
eters. A multiplexed ADC allows monitoring of tempera-
ture and laser operating conditions in production or field
operation. Laser bias and modulation currents are digi-
tally temperature compensated to second order for tight
control of average power and extinction ratio. The LTC5100
provides both constant current and automatic power
control of the laser bias current. In automatic power
control mode, special circuitry maintains constant set-
tling time in spite of variations in the laser slope efficiency
and monitor diode response characteristics.
The high speed inputs of the LTC5100 are internally
terminated in 50
Ω and internally AC coupled, eliminating
all external components at the inputs. The modulation
output is DC coupled to the laser and presents a high
quality resistive drive impedance to deliver very fast and
clean eye diagrams in spite of laser impedance variations.
The modulation output is capable of driving significant
lengths of transmission line, allowing the LTC5100 to be
placed at an arbitrary distance from the laser. This feature
allows for packaging flexibility within the module.
The LTC5100 minimizes electromagnetic interference (EMI)
with several architectural features. The unique design of
the driver output forces the high speed modulation current
to circulate only in the laser and ground system. The high
speed amplifier chain and the digital circuitry are internally
filtered and decoupled to further reduce power supply
noise generation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com