Electronic Components Datasheet Search
  English  ▼

X  

LTC5100 Datasheet(PDF) 35 Page - Linear Technology

Part # LTC5100
Description  3.3V, 3.2Gbps VCSEL Driver
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC5100 Datasheet(HTML) 35 Page - Linear Technology

Back Button LTC5100 Datasheet HTML 31Page - Linear Technology LTC5100 Datasheet HTML 32Page - Linear Technology LTC5100 Datasheet HTML 33Page - Linear Technology LTC5100 Datasheet HTML 34Page - Linear Technology LTC5100 Datasheet HTML 35Page - Linear Technology LTC5100 Datasheet HTML 36Page - Linear Technology LTC5100 Datasheet HTML 37Page - Linear Technology LTC5100 Datasheet HTML 38Page - Linear Technology LTC5100 Datasheet HTML 39Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 52 page
background image
LTC5100
35
sn5100 5100fs
REGISTER DEFI ITIO S
Table 8. Register: SYS_CONFIG—System Configuration (I2C Command Code 0x10)
REGISTER
RESET VALUE
.BITFIELD
BIT
(BIN)
FUNCTION AND VALUES
.Reserved
15:8
.Cml_en
7
0
Current Mode Logic Enable
0: Floating Differential Input Termination: 100
Ω Across IN+ and IN–
1: CML Compatible Input Termination: 50
Ω from IN+ to VDD(HS) and from IN– to VDD(HS)
.Md_polarity
6
0
Monitor Diode Polarity
0: Cathode Connected to the MD Pin, Sinking Current from the Pin
1: Anode Connected to the MD Pin, Sourcing Current Into the Pin
.Ext_temp_en
5
0
External Temperature Enable
Selects the Source of Temperature Measurements for Temperature Compensation.
0: Internal Temperature Sensor
1: Externally Supplied Through the Serial Interface
.Power_down_en
4
1
Power Down Enable
Allow Power Reduction When the Transmitter is Disabled.
0: No Power Reduction When the Transmitter is Disabled.
1: Reduce Power Consumption When Transmitter is Disabled by Turning Off the High Speed Amplifiers.
.Apc_en
3
0
Automatic Power Control Enable
Select the Means of Controlling the Laser Bias Current.
0: Constant Current Control
1: Automatic Power Control Using Feedback from the Monitor Diode
.En_polarity
2
0
EN Pin Polarity
Set the Input Polarity of the EN Pin.
0: Active Low: A Logic Low Input Level Enables the Transmitter.
1: Active High: A Logic High Input Level Enables the Transmitter.
Note: In order to Enable the Transmitter, Both the EN Pin and Soft_en Bit Must be Asserted.
.Soft_en
1
0
Soft Transmitter Enable
Enables Transmitter Through the Serial Interface.
0: Disable the Transmitter
1: Enable the Transmitter (if the EN Pin is Active)
Note: In order to Enable the Transmitter, Both the EN Pin and Soft_en Bit Must be Asserted.
.Operating_mode
0
0
Digital Operating Control Mode
Select Whether the LTC5100 Operates Autonomously or Under External Control.
0: Standalone Operation: Configuration Parameters are Loaded from an External EEPROM at Power Up.
1: Externally Controlled Operation: Configuration Parameters are Set by an External Microprocessor or
Test Computer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com