Electronic Components Datasheet Search
  English  ▼

X  

LTC5100 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC5100
Description  3.3V, 3.2Gbps VCSEL Driver
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC5100 Datasheet(HTML) 5 Page - Linear Technology

  LTC5100 Datasheet HTML 1Page - Linear Technology LTC5100 Datasheet HTML 2Page - Linear Technology LTC5100 Datasheet HTML 3Page - Linear Technology LTC5100 Datasheet HTML 4Page - Linear Technology LTC5100 Datasheet HTML 5Page - Linear Technology LTC5100 Datasheet HTML 6Page - Linear Technology LTC5100 Datasheet HTML 7Page - Linear Technology LTC5100 Datasheet HTML 8Page - Linear Technology LTC5100 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 52 page
background image
LTC5100
5
sn5100 5100fs
ELECTRICAL CHARACTERISTICS The q denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C; VDD = VDD(HS) = 3.3V, IS = 24mA; IM = 12mA (IMPP = 24mA); 49.9Ω, 1%
resistor from SRC (Pin 14) to MODA (Pin 11); 50
Ω, 1% load AC coupled to MODB (Pin 10); 10nF, 10% capacitor from SRC (Pin 14) to
VSS; Cml_en = 0, Lpc_en = 1, transmitter enabled, unless otherwise noted. Test circuit in Figure 5.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Bias Current Limit, IB(LIMIT)
Set Point Resolution
7
Bits
Set Point Range
Is_rng = 0
9
mA
Is_rng = 1
18
mA
Is_rng = 2
27
mA
Is_rng = 3
36
mA
Optical Power Limit
Automatic Power Control Mode Only, Apc_en = 1
Overpower Limit
Expressed in % Over the Imd Set Point
50
%
Underpower Limit
Expressed in % Under the Imd Set Point
–50
%
Safety Shutdown Response Time
Time from the Fault Occurance to Reduction of
100
µs
the Laser Bias Current to 10% of Nominal
FAULT Output, Open-Drain Mode, Flt_drv_mode = 0
Output Low Voltage
IOL = 3.3mA
0.4
V
Output High Leakage Current
VFAULT = 2.4V
10
µA
FAULT Output, Open-Drain Mode with 330
µA Internal Pull Up, Flt_drv_mode = 1
Output Low Voltage
IOL = 3.3mA
0.4
V
Output High Current
VFAULT = 2.4V
–280
µA
FAULT Output, Open-Drain Mode with 500
µA Internal Pull Up, Flt_drv_mode = 2
Output Low Voltage
IOL = 3.3mA
0.4
V
Output High Current
VFAULT = 2.4V
–425
µA
FAULT Output, Complementary Drive Mode, Flt_drv_mode = 3
Output High Voltage
IOH = –3.3mA
2.4
V
Output Low Voltage
IOL = 3.3mA
0.4
V
EN Input, Ib_gain or (Apc_gain in APC Mode) = 16, Im_gain = 4, Is_rng = 0, Im_rng = 0
Input Low Voltage
0.8
V
Input High Voltage
2V
Input Low Current
En_polarity = 0 (EN Active Low), VEN = 0V
–10
µA
Input High Current
En_polarity = 0 (EN Active Low), VEN = VDD
–10 to 10
µA
Input Low Current
En_polarity = 1 (EN Active High), VEN = 0V
–10 to 10
µA
Input High Current
En_polarity = 1 (EN Active High), VEN = VDD
10
µA
Transmit Enable Time
Time from Active Transition on EN to 95% of
100
ms
Nominal Laser Power and 95% of Full Modulation.
First Time Transmission is Enabled After Power
On or with Rapid_restart_en = 0
Transmit Re-Enable Time
Time from Active Transition on EN to 95% of
1
ms
Nominal Laser Power and 95% of Full Modulation.
When Transmission is Re-Enabled After the First
Time and with Rapid_restart_en = 1
Transmit Disable Time
Time from Inactive Transition on EN to 5% of
10
µs
Nominal Laser Power
Minimum Pulse Width Required to Clear
10
µs
a Latched Fault



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com