Electronic Components Datasheet Search
  English  ▼

X  

LTC5100 Datasheet(PDF) 40 Page - Linear Technology

Part # LTC5100
Description  3.3V, 3.2Gbps VCSEL Driver
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC5100 Datasheet(HTML) 40 Page - Linear Technology

Back Button LTC5100 Datasheet HTML 36Page - Linear Technology LTC5100 Datasheet HTML 37Page - Linear Technology LTC5100 Datasheet HTML 38Page - Linear Technology LTC5100 Datasheet HTML 39Page - Linear Technology LTC5100 Datasheet HTML 40Page - Linear Technology LTC5100 Datasheet HTML 41Page - Linear Technology LTC5100 Datasheet HTML 42Page - Linear Technology LTC5100 Datasheet HTML 43Page - Linear Technology LTC5100 Datasheet HTML 44Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 52 page
background image
LTC5100
40
sn5100 5100fs
Table 19. Register: T_NOM—Nominal Temperature (Includes Imd_rng) (I2C Command Code 0x1D)
REGISTER
RESET VALUE
.BITFIELD
BIT
(BIN)
FUNCTION AND VALUES
.Reserved
15:12
.Imd_rng
11
0
Monitor Diode Current Range
10
0
Imd_rng Sets the Full-Scale Range of the Monitor Diode Current.
Binary
Decimal
MD Pin Current Range (
µA)
Value
Value
Nom Min
Nom Max
00
0
4.25
34
01
1
17
136
10
2
68
544
11
3
272
2176
.T_nom
9
0
Nominal Temperature
8
0
T_nom is the Temperature with Respect to Which All Temperature Compensation Calculations are
70
Made. T_nom is Usually the Temperature at Which the LTC5100 and Laser Diode were Set Up In
60
Production.
5
0
The Scaling is 512K or 239
°C Full Scale, Corresponding to 0.5°C/LSB
4
0
T_nom = (T + 273
°C)/0.5°C, Where T is the Nominal Temperature in Degrees Celsius.
30
20
10
00
REGISTER DEFI ITIO S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com