Electronic Components Datasheet Search
  English  ▼

X  

LTC5100 Datasheet(PDF) 34 Page - Linear Technology

Part # LTC5100
Description  3.3V, 3.2Gbps VCSEL Driver
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC5100 Datasheet(HTML) 34 Page - Linear Technology

Back Button LTC5100 Datasheet HTML 30Page - Linear Technology LTC5100 Datasheet HTML 31Page - Linear Technology LTC5100 Datasheet HTML 32Page - Linear Technology LTC5100 Datasheet HTML 33Page - Linear Technology LTC5100 Datasheet HTML 34Page - Linear Technology LTC5100 Datasheet HTML 35Page - Linear Technology LTC5100 Datasheet HTML 36Page - Linear Technology LTC5100 Datasheet HTML 37Page - Linear Technology LTC5100 Datasheet HTML 38Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 52 page
background image
LTC5100
34
sn5100 5100fs
REGISTER DEFI ITIO S
Table 7. Register Set Overview
REGISTER NAME
CONSTANT CURRENT
AUTOMATIC POWER
I2C COMMAND
READ/WRITE
REFERENCE
REGISTER GROUP
CONTROL MODE
CONTROL MODE
CODE (HEX)
ACCESS
INFORMATION
System Operating
SYS_CONFIG
“
0x10
R/W
Table 8
Configuration
LOOP_GAIN
“
0x1E
R/W
Table 9
PEAKING
“
0x1F
R/W
Table 10
Reserved
“
0x08
R/W
Table 11
Laser Setup Coefficients
IB
IMD
0x15
R/W
Table 12
IB_TC1
IMD_TC1
0x16
R/W
Table 13
IB_TC2
IMD_TC2
0x17
R/W
Table 14
IM
“
0x19
R/W
Table 15
IM_TC1
“
0x1A
R/W
Table 16
IM_TC2
“
0x1B
R/W
Table 17
Temperature
T_EXT
“
0x0D
R/W
Table 18
T_NOM
“
0x1D
R/W
Table 19
Fault Monitoring
FLT_CONFIG
“
0x13
R/W
Table 20
and Eye Safety
FLT_STATUS
“
0x12
R
Table 21
IB_LIMIT
“
0x11
R/W
Table 22
ADC
USER_ADC
“
0x18
R/W
Tables 23, 24
T_INT_ADC
“
0x05
R/W
Table 25
IM_ADC
“
0x06
R/W
Table 26
IS_ADC
IMD_ADC
0x07
R/W
Table 27
DAC
IS_DAC
“
0x01
R/W
Table 28
IM_DAC
“
0x02
R/W
Table 29
PWR_ LIMIT_DAC
“
0x03
R
Table 30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com