Electronic Components Datasheet Search
  English  ▼

X  

LTC5100 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC5100
Description  3.3V, 3.2Gbps VCSEL Driver
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC5100 Datasheet(HTML) 1 Page - Linear Technology

  LTC5100 Datasheet HTML 1Page - Linear Technology LTC5100 Datasheet HTML 2Page - Linear Technology LTC5100 Datasheet HTML 3Page - Linear Technology LTC5100 Datasheet HTML 4Page - Linear Technology LTC5100 Datasheet HTML 5Page - Linear Technology LTC5100 Datasheet HTML 6Page - Linear Technology LTC5100 Datasheet HTML 7Page - Linear Technology LTC5100 Datasheet HTML 8Page - Linear Technology LTC5100 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 52 page
background image
LTC5100
1
sn5100 5100fs
FEATURES
APPLICATIO S
DESCRIPTIO
TYPICAL APPLICATIO
s
Gigabit Ethernet and Fibre Channel Transceivers
s
SFF and SFP Transceiver Modules
s
Proprietary Fiber Optic Links
, LTC and LT are registered trademarks of Linear Technology Corporation.
s
155Mbps to 3.2Gbps Laser Diode Driver for VCSELs*
s
60ps Rise and Fall Times, 10ps Deterministic Jitter
s
Eye Diagram is Stable and Consistent Across
Modulation Range and Temperature
s
1mA to 12mA Modulation Current
s
Easy Board Layout, Laser can be Remotely Located
if Desired
s
No Input Matching or AC Coupling Components
Needed
s
On-Chip ADC for Monitoring Critical Parameters
s
Digital Setup and Control with I2C
TM Serial Interface
s
Emulation and Set-Up Software Available**
s
Operates Standalone or with a Microprocessor
s
On-Chip DACs Eliminate External Potentiometers
s
Constant Current or Automatic Power Control
s
First and Second Order Temperature Compensation
s
On-Chip Temperature Sensor
s
Extensive Eye Safety Features
s
Single 3.3V Supply
s
4mm
× 4mm QFN Package
3.3V, 3.2Gbps VCSEL Driver
I2C is a trademark of Philips Electronics N.V.
*Vertical Cavity Surface Emitting Laser
**Downloadable from www.linear.com
Figure 1. VCSEL Transmitter with Automatic Power Control
The LTC
®5100 is a 3.2Gbps VCSEL driver offering an
unprecedented level of integration and high speed perfor-
mance. The part incorporates a full range of features to
ensure consistently outstanding eye diagrams. The data
inputs are AC coupled, eliminating the need for external
capacitors. The LTC5100 has a precisely controlled 50
Ω
output that is DC coupled to the laser, allowing arbitrary
placement of the IC. No coupling capacitors, ferrite beads
or external transistors are needed, simplifying layout,
reducing board area and the risk of signal corruption. The
unique output stage of the LTC5100 confines the modula-
tion current to the ground system, isolating the high speed
signal from the power supply to minimize RFI.
The LTC5100 supports fully automated production with its
extensive monitoring and control features. Integrated 10-bit
DACs eliminate the need for external potentiometers. An on-
board 10-bit ADC provides the laser current and voltage,
as well as monitor diode current and temperature. Status
information is available from the I2C serial interface for feed-
back and statistical process control.
An internal digital controller compensates laser tempera-
ture drift and provides extensive laser safety features.
3.2Gbps Electrical Eye Diagram
1mA/DIV
50ps/DIV
5100 TA01
–
+
ADC
3.3V
SCL
EN
SDA
VDD
VSS
24LC00 EEPROM
IN SOT-23 PACKAGE
MD
MODA
SRC
MODB
DAC
DAC
10nF
3.2Gbps
MODULATOR
FAULT
WARNING: POTENTIAL EYE HAZARD.
SEE “EYE SAFETY INFORMATION”
100
Ω
IN+
IN–
50
Ω
5100 F01
DIGITAL
CONTROLLER
ARBITRARY
DISTANCE
SERIALIZER


Similar Part No. - LTC5100

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC5100 LINER-LTC5100_15 Datasheet
582Kb / 52P
3.3V, 3.2Gbps VCSEL Driver
More results

Similar Description - LTC5100

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3740 MAXIM-MAX3740 Datasheet
818Kb / 14P
3.2Gbps SFP VCSEL Driver with Diagnostic Monitors
19-2679; Rev 2; 7/03
MAX3741 MAXIM-MAX3741 Datasheet
531Kb / 10P
3.2Gbps Compact SFP VCSEL Driver
Rev 1; 5/04
MAX3740A MAXIM-MAX3740A Datasheet
286Kb / 14P
3.2Gbps SFP VCSEL Driver with Diagnostic Monitors
Rev 1; 6/04
logo
Micrel Semiconductor
SY88912L MICREL-SY88912L Datasheet
47Kb / 5P
3.3V 3.2Gbps SONET/SDH LASER DRIVER
SY88932L MICREL-SY88932L Datasheet
49Kb / 5P
3.3V 3.2Gbps SONET/SDH LASER DRIVER WITH OUTPUT DISABLE
SY88992L MICREL-SY88992L Datasheet
619Kb / 11P
3.3V, 4.25Gbps VCSEL Driver
logo
Maxim Integrated Produc...
MAX3740A MAXIM-MAX3740A_10 Datasheet
585Kb / 15P
3.2Gbps SFP VCSEL Driver with Diagnostic Monitors
Rev 3; 1/10
logo
Micrel Semiconductor
SY88992L MICREL-SY88992L_11 Datasheet
767Kb / 11P
3.3V, 4.25Gbps VCSEL Driver
SY88024L MICREL-SY88024L Datasheet
365Kb / 10P
11.3Gbps VCSEL DRIVER
logo
Linear Technology
LTC5100 LINER-LTC5100_15 Datasheet
582Kb / 52P
3.3V, 3.2Gbps VCSEL Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com