Electronic Components Datasheet Search
  English  ▼

X  

LTC5100 Datasheet(PDF) 26 Page - Linear Technology

Part # LTC5100
Description  3.3V, 3.2Gbps VCSEL Driver
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC5100 Datasheet(HTML) 26 Page - Linear Technology

Back Button LTC5100 Datasheet HTML 22Page - Linear Technology LTC5100 Datasheet HTML 23Page - Linear Technology LTC5100 Datasheet HTML 24Page - Linear Technology LTC5100 Datasheet HTML 25Page - Linear Technology LTC5100 Datasheet HTML 26Page - Linear Technology LTC5100 Datasheet HTML 27Page - Linear Technology LTC5100 Datasheet HTML 28Page - Linear Technology LTC5100 Datasheet HTML 29Page - Linear Technology LTC5100 Datasheet HTML 30Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 52 page
background image
LTC5100
26
sn5100 5100fs
current can be temperature compensated with first and
second order temperature coefficients.
Servo Control
The laser bias current is controlled by a digital servo loop
(shown in the upper half of Figure 4) and can be under-
stood as follows. The nominal bias current, Ib_nom, is
multiplied by a temperature compensation factor, produc-
ing a 10-bit digital set point value, Ib_set. Ib_set is the
target value for the laser bias current. The ADC digitizes the
SRC pin current and the average modulation current,
producing 10-bit values Is_adc and Im_adc. The laser bias
current is the difference between the SRC pin current and
the average modulation current (Equation 1). The system
generates a digital representation of the laser bias current
by calculating:
Ib_adc = Is_rng • Is_adc – Im_rng • Im_adc
(26)
where Ib_adc is the result of a calculation. (The ADC never
digitizes the laser bias current directly.)
The difference between the target value and the actual
value is the servo loop error signal, Ib_error. Ib_error is
multiplied by a constant, Ib_gain, to set the loop gain. The
result is integrated in a digital accumulator and applied to
a 10-bit DAC, increasing or decreasing the SRC pin current
as required to drive the loop error to zero. The servo loop
adjusts the SRC pin current every four milliseconds,
producing 250 servo iterations per second.
The simplified difference equation for the bias current
servo loop is, assuming Im_nom = 0:
Ib adc
Ib adc
Ib gain
Is rng
Ib error
Ib adc
Ib gain
Is rng
Ib set Ib adc
n
n
n
n
_( )
_
_
•( _
)•
_
_
_
•( _
)
•_
–
_
=
++
=+
+
()
−
−
−
27
32
1
32
1
1
1
1
Ib_gain is a 5-bit digital value, so the scaling factor,
Ib_gain/32, takes on the discrete values 0, 1/32, 2/32, …,
31/32. If Ib_gain • (Is_rng + 1) = 16, then Ib_gain • (Is_rng
+ 1)/32 = 0.5 and the error in the control loop is cut in half
with each servo iteration. In this case the step response of
the loop is given by, assuming Im_nom = 0 :
Ib adc
Ib set
Ib gain Is rng
n
n
_
_•
–
–
_• ( _
)
=
+


11
1
32
(28)
The step response has the familiar exponential settling
characteristic of a first order system. The step response
is shown in Figure 26 for Ib_gain • (Is_rng + 1) = 16. The
remaining error is reduced by one-half with each servo
iteration. In seven iterations, or about 28ms, the laser bias
current settles to under 1% in this example. The mea-
sured step response is shown in the Typical Performance
Characteristics.
OPERATIO
Ib_adc
0
4
8
12
16
20
24
28
32
5100 F26
2
1
345678
TIME (ms)
SERVO
ITERATIONS
Ib_set
Figure 26. Step Response of the Laser Bias
Current for (Ib_gain) • (Is_rngtl ) = 16
Reducing Ib_gain slows the settling time and increasing
Ib_gain speeds the settling time. For example, with Ib_gain
• (Is_rng + 1) = 1, the residual loop error is cut by 1/32 with
each servo iteration. In this case it would take 145 servo
iterations (about 580ms) to settle to 1%. With Ib_gain •
(Is_rng + 1) = 31, the residual servo loop error is cut by 31/
32 with each servo iteration. In this case it would take only
two servo iterations (about 8ms) to settle to 1%.
Setting Im_nom
≠ 0 slows the settling time of the laser
bias current somewhat. This effect can easily be compen-
sated by increasing Ib_gain.
Temperature Compensation
The set point value for the laser bias current, Ib_set in
Figure 4, can change with temperature to compensate the
temperature dependence of the laser diode’s threshold
current. Temperature measurements are supplied either



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com