Electronic Components Datasheet Search
  English  ▼

X  

LTC5100 Datasheet(PDF) 51 Page - Linear Technology

Part # LTC5100
Description  3.3V, 3.2Gbps VCSEL Driver
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC5100 Datasheet(HTML) 51 Page - Linear Technology

Back Button LTC5100 Datasheet HTML 44Page - Linear Technology LTC5100 Datasheet HTML 45Page - Linear Technology LTC5100 Datasheet HTML 46Page - Linear Technology LTC5100 Datasheet HTML 47Page - Linear Technology LTC5100 Datasheet HTML 48Page - Linear Technology LTC5100 Datasheet HTML 49Page - Linear Technology LTC5100 Datasheet HTML 50Page - Linear Technology LTC5100 Datasheet HTML 51Page - Linear Technology LTC5100 Datasheet HTML 52Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 51 / 52 page
background image
LTC5100
51
sn5100 5100fs
APPLICATIO S I FOR ATIO
Figure 34 Layout of the DC499 Demo Board (Silkscreen and Top Layer Copper)
Table 31. Bill of Materials for the DC499 Demo Board
REFERENCE
QUANTITY
PART NUMBER
DESCRIPTION
VENDOR
TELEPHONE
5V, VDD1, VDD2, SDA,
12
2501-2
1-Pin Terminal Turret Test Point
Mill-Max
(516) 922-6000
SCL, FAULT, EN,
SRC, MD, GND(3)
C1, C2, C3
3
GRP155R71E103JA01
0.01
µF 25V 5% X7R 0402 Capacitor
Murata
(770) 436-1300
C4, C5, C6
3
12066D106MAT
10
µF 6.3V 20% X5R 1206 Capacitor
AVX
(843) 946-0362
C7
1
0603YC104KAT
0.1
µF 16V 10% X7R 0603 Capacitor
AVX
(843) 946-0362
D2,D3
2
B320A
3A Schottky Rectifier Diode
Diodes, Inc.
(805) 446-4800
D4
0
Option (No Load)
N/A (No Load)
N/A
H2, JP1, JP2, JP3
4
2802S-02G2
2mm 2-Pin Header
Comm Con
(626) 301-4200
H3
1
2802S-03G2
2mm 3-Pin Header
Comm Con
(626) 301-4200
J1, J2, J3
3
142-0701-851
50
Ω SMA Edge-Lanch Connector
Johnson Components
(800) 247-8256
L1
1
BLM15AG121PN1D
0402 Ferrite Bead
Murata
(770) 436-1300
P1
1
70553-0004
5-Pin Right Angle Header
Molex
(630) 969-4550
P2
1
70553-0001
2-Pin Right Angle Header
Molex
(630) 969-4550
R1
1
CR05-49R9FM
49.9
Ω 1% 1/16W 0402 Resistor
AAC
(800) 508-1521
R2, R5
2
CR16-2212FM
22.1k 1% 1/16W 0603 Resistor
AAC
(800) 508-1521
R3
1
CR16-2672FM
26.7k 1% 1/16W 0603 Resistor
AAC
(800) 508-1521
R4
1
CR16-10R0FM
10
Ω 1% 1/16W 0603 Resistor
AAC
(800) 508-1521
U1
1
LTC5100
QFN 4mm
× 4mm IC
LTC
(408) 432-1900
U2
1
24LC00
128-Bit IC Bus Serial EEPROM 5-Pin SOT-23
Microchip
U3
1
LT1762EMS8-3.3
Low Noise LDO Micropower Regulator IC
LTC
(408) 432-1900
U4
1
LT1812CS5
Op Amp with Shutdown IC
LTC
(408) 432-1900
H3
1
CCIJ2mm-138G
2-Pin 2mm Shunt
Comm Con
(626) 301-4200
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no represen-
tation that the interconnection of its circuits as described herein will not infringe on existing patent rights.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com