Electronic Components Datasheet Search
  English  ▼

X  

IPAC-X Datasheet(PDF) 30 Page - Infineon Technologies AG

Part # IPAC-X
Description  ISDN PC Adapter Circuit
PDF  270 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPAC-X Datasheet(HTML) 30 Page - Infineon Technologies AG

Back Button IPAC-X Datasheet HTML 26Page - Infineon Technologies AG IPAC-X Datasheet HTML 27Page - Infineon Technologies AG IPAC-X Datasheet HTML 28Page - Infineon Technologies AG IPAC-X Datasheet HTML 29Page - Infineon Technologies AG IPAC-X Datasheet HTML 30Page - Infineon Technologies AG IPAC-X Datasheet HTML 31Page - Infineon Technologies AG IPAC-X Datasheet HTML 32Page - Infineon Technologies AG IPAC-X Datasheet HTML 33Page - Infineon Technologies AG IPAC-X Datasheet HTML 34Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 270 page
background image
IPAC-X
PSB/PSF 21150
Pin Configuration
Data Sheet
30
2003-01-30
60
AUX7
I/O (OD)
INT1
This pin is programmable as general input/output.
The state of the pin can be read from (input) / written
to (output) a register.
Additionally, as input it can generate a maskable
interrupt to the host, which is either edge or level
triggered. An internal pull up resistor is connected to
this pin (open drain mode only), if push pull
characteristic is selected no pull up is available.
As output an LED can directly be connected to this
pin.
SGO
Instead of the above described function, AUX7 can
also be programmed to output the S/G bit signal
from the IOM-2 DD line.
Miscellaneous
43
44
SX1
SX2
O
O
S-Bus Transmitter Output (positive)
S-Bus Transmitter Output (negative)
47
48
SR1
SR2
I
I
S-Bus Receiver Input
S-Bus Receiver Input
35
36
XTAL1
XTAL2
I
O
Crystal 1
Connection for a crystal or used as external clock
input. 7.68 MHz clock or crystal required.
Crystal 2
Connection for a crystal. Not connected if an
external clock is supplied to XTAL1
57
MODE0 I
Mode 0 Select
A LOW selects TE-mode and a HIGH selects LT-T /
LT-S mode (see MODE1/EAW).
Table 2
IPAC-X Pin Definitions and Functions (cont’d)
Pin No.
MQFP-64
TQFP-64
Symbol Input (I)
Output (O)
Open Drain
(OD)
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com