Electronic Components Datasheet Search
  English  ▼

X  

IPAC-X Datasheet(PDF) 77 Page - Infineon Technologies AG

Part # IPAC-X
Description  ISDN PC Adapter Circuit
PDF  270 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPAC-X Datasheet(HTML) 77 Page - Infineon Technologies AG

Back Button IPAC-X Datasheet HTML 73Page - Infineon Technologies AG IPAC-X Datasheet HTML 74Page - Infineon Technologies AG IPAC-X Datasheet HTML 75Page - Infineon Technologies AG IPAC-X Datasheet HTML 76Page - Infineon Technologies AG IPAC-X Datasheet HTML 77Page - Infineon Technologies AG IPAC-X Datasheet HTML 78Page - Infineon Technologies AG IPAC-X Datasheet HTML 79Page - Infineon Technologies AG IPAC-X Datasheet HTML 80Page - Infineon Technologies AG IPAC-X Datasheet HTML 81Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 270 page
background image
IPAC-X
PSB/PSF 21150
Description of Functional Blocks
Data Sheet
77
2003-01-30
Figure 43
State Transition Diagram of Unconditional Transitions (TE, LT-T)
3.5.1.2
States (TE, LT-T)
F3 Pending Deactivation
State after deactivation from the S/T interface by info 0. Note that no activation from the
terminal side is possible starting from this state. A ’DI’ command has to be issued to enter
the state ’Deactivated State’.
F3 Deactivated State
The S/T interface is deactivated and the clocks are deactivated 500 µs after entering this
state and receiving info 0 if the CFS bit of the IPAC-X Configuration Register is set to “0“.
Activation is possible from the S/T interface and from the IOM-2 interface. The bit
TR_CMD.PD is set and the analog part is powered down.
F3 Power Up
The S/T interface is deactivated (info 0 on the line) and the clocks are running.
F4 Pending Activation
The IPAC-X transmits info 1 towards the network, waiting for info 2.
F5 Unsynchronized
statem_te_aloop_s.vsd
Loop A Activated
AIL
RSY ARL
i3
*
Loop A Closed
ARL ARL
i3
*
DI
TIM
DI
TIM
ARL
Reset
RES RES
i0
*
DI
TIM
SSP
SCP
Test Mode i
TMA
SSP
SCP
it
i
*
DI
TIM
i3
i3
RES
Any
State
RST



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com